Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CNB Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 67Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 68Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 69Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 70Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 71Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 72Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 73Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 74Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
IVREFn
(Reference input voltage)
IVCMPn
(analog input voltage)
CMPOUTn or CMPOUT012
or VCOUT
(output for monitoring the results
of comparison)
100 mV
100 mV
ttot(r)
ttot(f)
(n = 0 to 3)
Figure 2.52
Comparator Response Time
2.8
PGA Characteristics
Table 2.45
PGA characteristics in Single-ended input mode (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Offset error
Voff
-8
—
8
mV
PGAVSS input
voltage range
PGAVSS
0
—
0
V
Single-ended input
voltage range
AIN0 (G = 2.000)
0.05 × AVCC0
—
0.45 × AVCC0
V
AIN1 (G = 2.500)
0.047 × AVCC0
—
0.36 × AVCC0
V
AIN2 (G = 2.667)
0.046 × AVCC0
—
0.337 × AVCC0
V
AIN3 (G = 2.857)
0.046 × AVCC0
—
0.32 × AVCC0
V
AIN4 (G = 3.077)
0.045 × AVCC0
—
0.292 × AVCC0
V
AIN5 (G = 3.333)
0.044 × AVCC0
—
0.265 × AVCC0
V
AIN6 (G = 3.636)
0.042 × AVCC0
—
0.247 × AVCC0
V
AIN7 (G = 4.000)
0.04 × AVCC0
—
0.212 × AVCC0
V
AIN8 (G = 4.444)
0.036 × AVCC0
—
0.191 × AVCC0
V
AIN9 (G = 5.000)
0.033 × AVCC0
—
0.17 × AVCC0
V
AIN10 (G = 5.714)
0.031 × AVCC0
—
0.148 × AVCC0
V
AIN11 (G = 6.667)
0.029 × AVCC0
—
0.127 × AVCC0
V
AIN12 (G = 8.000)
0.027 × AVCC0
—
0.09 × AVCC0
V
AIN13 (G = 10.000)
0.025 × AVCC0
—
0.08 × AVCC0
V
AIN14 (G = 13.333)
0.023 × AVCC0
—
0.06 × AVCC0
V
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 71 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com