Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA6T2AB3CNB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 17Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 18Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 19Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 20Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL
Parameter
Sym
bol
Min
Typ
Max
Unit
Input voltage (except
for Schmitt trigger
input pins)
Peripheral
function pin
EXTAL (external clock input), SPI (except
RSPCK)
VIH
VCC × 0.8
—
—
V
VIL
—
—
VCC × 0.2
IIC (SMBus)*1
VIH
2.1
—
—
VIL
—
—
0.8
IIC (SMBus)*2
VIH
2.1
—
VCC + 3.6
(max 5.8)
VIL
—
—
0.8
Schmitt trigger input
voltage
Peripheral
function pin
IIC (Except for SMBus)*1
VIH
VCC × 0.7
—
—
VIL
—
—
VCC × 0.3
ΔVT
VCC × 0.05
—
—
IIC (Except for SMBus)*2
VIH
VCC × 0.7
—
VCC + 3.6
(max 5.8)
VIL
—
—
VCC × 0.3
ΔVT
VCC × 0.05
—
—
5 V-tolerant ports*3 *7
VIH
VCC × 0.8
—
VCC + 3.6
(max 5.8)
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Other input pins*4
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Ports
5 V-tolerant ports*5 *7
VIH
VCC × 0.8
—
VCC + 3.6
(max 5.8)
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Other input pins*6
VIH
VCC × 0.8
—
—
VIL
—
—
VCC × 0.2
ΔVT
VCC × 0.05
—
—
Note 1. SCL0_C, SDA0_C, SCL0_D, SDA0_D, SCL0_E, SDA0_E, SCL0_F, SDA0_F, SCL1_C, SDA1_C, SCL1_D, SDA1_D, SCL1_E,
SDA1_E (total 14 pins). This is the value when IIC function is selected.
Note 2. SCL0_A, SDA0_A, SCL0_B, SDA0_B, SCL1_A, SDA1_A, SCL1_B, SDA1_B (total 8 pins). This is the value when IIC function is
selected.
Note 3. RES and peripheral function pins associated with PA12 to PA15, PB03, PB05 to PB09, PC10 to PC12, PC14, PC15, PD00 to PD07,
PE00, and PE01 (total 26 pins).
Note 4. All input pins except for the peripheral function pins already described in the table.
Note 5. PA12 to PA15, PB03, PB05 to PB09, PC10 to PC12, PC14, PC15, PD00 to PD07, PE00, and PE01 (total 25 pins).
Note 6. All input pins except for the ports already described in the table.
Note 7. When VCC is less than 2.7 V, the input voltage of 5 V-tolerant ports should be less than 3.6 V, otherwise breakdown may occur
because 5 V-tolerant ports are electrically controlled so as not to violate the break down voltage.
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 21 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com