Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV300 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 47Page - ams-OSRAM AG CMV300 Datasheet HTML 48Page - ams-OSRAM AG CMV300 Datasheet HTML 49Page - ams-OSRAM AG CMV300 Datasheet HTML 50Page - ams-OSRAM AG CMV300 Datasheet HTML 51Page - ams-OSRAM AG CMV300 Datasheet HTML 52Page - ams-OSRAM AG CMV300 Datasheet HTML 53Page - ams-OSRAM AG CMV300 Datasheet HTML 54Page - ams-OSRAM AG CMV300 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 49 of 54
© 2016 CMOSIS bvba
10 SPECIFICATION OVERVIEW
Specification
Value
Comment
Effective pixels
648 x 488
Containing 4 dark reference columns and rows.
Pixel pitch
7.4 x 7.4 µm2
Optical format
1/3”
Full well charge
20 Ke-
Pinned photodiode pixel.
Conversion gain
0.185LSB/e-
12 bit mode, unity gain
Sensitivity
6 V/lux.s
With microlenses @ 550nm
Temporal noise
(analog domain)
20 e-
Pipelined global shutter (GS) with correlated
double sampling ( CDS )
Dynamic range
60 dB
Pixel type
Global shutter
pixel
Allows fixed pattern noise correction and reset
(kTC) noise canceling through correlated
double sampling.
Shutter type
Pipelined global
shutter
Exposure of next image during readout of the
previous image.
Parasitic light
sensitivity -
Shutter efficiency
<1/50 000
>99.998%
Color filters
Optional
RGB Bayer pattern
Micro lenses
Yes
QE * FF
55%
@ 550 nm with micro lenses.
Dark current
signal
125 e/s
@ 25C die temperature
DSNU
12 LSB/s
12 bit mode
Fixed pattern
noise
<4 LSB RMS
<0.1% of full swing, 12 bit mode
PRNU
< 1% RMS of
signal
LVDS Output
channel
4
Each data output running @ 300 Mbit/s.
2 and 1 outputs selectable at reduced frame
rate.
Parallel CMOS output available
Frame rate
480 frames/s
Using a 12bit/pixel and 480 Mbit/s LVDS
output. Higher frame rate possible in row
windowing mode.
Timing generation
On-chip
Possibility to control exposure time through
external pin.
PGA
Yes
4 analog gain settings
Programmable
Registers
Sensor
parameters
Window coordinates, Timing parameters, Gain
& offset, Exposure time, flipped readout in x
and y direction …
Supported HDR
modes
Interleaved
integration times
Piecewise linear
response
Interleaved exposure times for different
columns: Odd columns (double rows for color)
have a different exposure compared to even
columns (double columns for color). Final
image is a combination of the two (through
interpolation).
Response curve with two kneepoints
ADC
12bit
Column ADC
Interface
LVDS or CMOS
parallel
Serial output data + synchronization signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com