Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV300 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # CMV300
Description  VGA resolution CMOS image sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV300 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button CMV300 Datasheet HTML 11Page - ams-OSRAM AG CMV300 Datasheet HTML 12Page - ams-OSRAM AG CMV300 Datasheet HTML 13Page - ams-OSRAM AG CMV300 Datasheet HTML 14Page - ams-OSRAM AG CMV300 Datasheet HTML 15Page - ams-OSRAM AG CMV300 Datasheet HTML 16Page - ams-OSRAM AG CMV300 Datasheet HTML 17Page - ams-OSRAM AG CMV300 Datasheet HTML 18Page - ams-OSRAM AG CMV300 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Reference:CMV300-datasheet-v2.11
CMV300 Datasheet
Page 13 of 54
© 2016 CMOSIS bvba
3 DRIVING THE CMV300
3.1 SUPPLY SETTINGS
The CMV300 image sensor has the following supply settings:
Supply
name
Usage
Recommended
value
Maximum
tolerance
DC Current
Idle
DC Current
Nom.
DC Current
Max.
VDD20
LVDS, ADC
2.2V
-0.4/+0.05V
175mA
220mA
270mA
VDD33
Dig. I/O. SPI, ADC
3.3V
+/-0.3V
25mA
30mA
30mA
VDDpix
Pixel array supply
3.0V
+/-0.3V
1mA
5mA
5mA
Total DC Power
470mW
600mW
710mW
See pin list for exact pin numbers for every supply.
The maximum currents will be reached during readout. The current of the VDD20 supply depends on the average value
of the image (a pure white image will draw 270mA). Idle is when the sensor is idle (not reading out or integrating) and
nominal is a 50% grey average image. These values are for a sensor running at 40MHz. The power consumption
decreases with the clock speed albeit little.
Besides these DC currents, decoupling should be foreseen to suppress current spikes. VDDPIX can generate current
spikes up to 500mA during FOT. Because this supply is the pixel array supply, the voltage should be as noise-free as
possible, because noise can ripple through to the image. We propose to use 5x 100nF capacitors on each supply as close
to the sensor as possible.
3.2 BIASING
For optimal performance, some pins need to be decoupled to ground or to VDD. Please refer to the pin list for a detailed
description for every pin and the appropriate decoupling if applicable.
3.3 DIGITAL INPUT PINS
The table below gives an overview of the external pins used to drive the sensor.
Pin name
Description
CLK_IN
Master input clock, frequency range between 10 and
40 MHz
SYS_RES_N
System reset pin, active low signal. Resets the on-
board sequencer and must be kept low during start-
up
FRAME_REQ
Frame request pin. This signal should be at least one
period of CLK_IN long to assure detection.
SPI_IN
Data input pin for the SPI interface. The data to
program the image sensor is sent over this pin.
SPI_EN
SPI enable pin. When this pin is high the data should
be written/read on the SPI
SPI_CLK
SPI clock. This is the clock on which the SPI runs (max
40Mz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com