Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6 Datasheet(PDF) 13 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 13 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 9Page - PATLITE CORPORATION. LA6 Datasheet HTML 10Page - PATLITE CORPORATION. LA6 Datasheet HTML 11Page - PATLITE CORPORATION. LA6 Datasheet HTML 12Page - PATLITE CORPORATION. LA6 Datasheet HTML 13Page - PATLITE CORPORATION. LA6 Datasheet HTML 14Page - PATLITE CORPORATION. LA6 Datasheet HTML 15Page - PATLITE CORPORATION. LA6 Datasheet HTML 16Page - PATLITE CORPORATION. LA6 Datasheet HTML 17Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
5. Operating Directions
This product contains a multi-function button (Refer to”3.2. Part Names and Outer Appearance”) under the Head Cover in the upper
section, which can be operated as follows:
- Alarm Sound Control: Adjustable up to four steps.
- LED Color Change: The luminescence color of each tier can be changed.
- Version Confirmation: The current version of the product can be checked.
- Product Initialization: The memory contents of the product can be cleared and returned to factory default values.
(Returns to the “Signal Tower” mode. The alarm sound pattern and the “Smart Mode” setup conditions have not changed.)
The operation of this product contains two modes; “Signal Tower” mode and “Smart Mode.” The explanation for each mode
shows fairly significant differences to them.
Changing between the “Signal Tower” mode and the “Smart Mode” is a simple ON/OFF input from the “Mode Change” signal
input wire.
Signal input “Mode Change” ON: Smart Mode
Signal input “Mode Change” OFF: “Signal Tower” mode
Although a continuous hold input controls the inputs, only a trigger input in the pulse trigger mode for the “Smart Mode”
turns into a one shot input. With the “Mode Change” in the OFF condition, the Multi-function button can be used for the
recombination of colors, changing the amount of alarm sounds, and other product functionalities.
5.1. “Signal Tower” mode
The “Signal Tower” mode controls operation with ON/OFF inputs from the wires currently assigned to each LED and alarm, like
our conventional Signal Towers. When short-circuiting each input to the “Flashing/Pulse Enable Common”, The LED will flash,
and an intermittent alarm sound will occur.
The “Signal Tower” mode set up can be done in our “EDITOR for LA series” software application (Visit our homepage at www.
patlite.com/ to download the software.).
• Setup Parameters
This mode has parameters that can be set up as shown in the following table.
Setup Index
Description
LED lighting/flashing for flash per
minute(fpm) rate
Flashing rates are selectable from 30fpm, 60fpm, or
120fpm.
Alarm Tone
Alarm sound muting or one tone can be selected from
11 varieties.
LED Color
LED lights can be selected for ON or OFF.
• LED Input Conversion Table
For inputs 1-7, LED and Alarm ON/OFF can be entered as indicated in the “Signal Tower” mode operation example.
Table 4. “Signal Tower” mode Input Conversion Table
1
LED Tier 1 (Red)
2
LED Tier 2 (Amber)
3
LED Tier 3 (Green)
4
LED Tier 4 (Blue)
5
LED Tier 5 (White)
6
Alarm 1 Tone No.1
Alarm 3 Tone No.9
* When inputs are simultaneously entered
7
Alarm 2 Tone No.2
* Pre-set with Factory default
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com