Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6 Datasheet(PDF) 16 Page - PATLITE CORPORATION.

Part # LA6
Description  Signal Tower
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LA6 Datasheet(HTML) 16 Page - PATLITE CORPORATION.

Back Button LA6 Datasheet HTML 12Page - PATLITE CORPORATION. LA6 Datasheet HTML 13Page - PATLITE CORPORATION. LA6 Datasheet HTML 14Page - PATLITE CORPORATION. LA6 Datasheet HTML 15Page - PATLITE CORPORATION. LA6 Datasheet HTML 16Page - PATLITE CORPORATION. LA6 Datasheet HTML 17Page - PATLITE CORPORATION. LA6 Datasheet HTML 18Page - PATLITE CORPORATION. LA6 Datasheet HTML 19Page - PATLITE CORPORATION. LA6 Datasheet HTML 20Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16/26
•
“Time-trigger” mode Operation Example
The following are examples of the “Time-trigger” mode operation. In addition to time progress and pattern changes, the figure
also shows the “Mute” input operation.
* The “Time-trigger” mode operating state is an example for setting data.
In addition to time progress and pattern changes, the figure also shows the STOP input operation, the mute input, and the clear
input. A “STOP” input setup shows an indication of the pattern at a “STOP” input by flashing.
* The “Time-trigger” mode operating state is an example for setting data.
5.2.2. “Pulse-trigger” mode
The “Pulse-trigger” mode is operated like the “Time-trigger” mode for a group. However, with the pattern transition timing, it is
only used as a one shot pulse for input 5.
The memory for a maximum of 15 groups can be used, and the combination of ON/OFF to inputs 1-4 performs a call. This setup
can be made in the “EDITOR for LA series” software application (Visit our homepage at www.patlite.com/ to download the
software application and other features for the LA6.).
• Setup Parameters
This mode has parameters that can be set up as shown in the following table.
Setup Range
Setting Index
Description
Every Pattern
LED Lighting/Flashing
Select all LEDs to turn on or flash. Flashing rates are selectable from 30
times per minute, 60 times per minute, or 120 times per minute.
Alarm Tone
Alarm Silence or one tone can be selected from 11 varieties.
Every Tier
LED Color
LED lights On or Off can be selected.
Operating
Condition
LED
OFF
1/1
1/2
1/3
1/4
1/5
...
1/60
1/61
1/62
1/63
OFF
Buzzer
Mute
Mute
Mute
Signal Input
Input 1
Input 2
Input 3
Input 4
Input 5 (STOP)
Input 6 (Mute)
Input 7 (Clear)
Operating
Condition
LED
OFF
1/1
1/2
STOP
Clear
1/1
1/2
5/1
5/2
5/3 (STOP)
Clear
1/1
1/2
OFF
Buzzer
Mute
Mute
Mute
Signal Input
Input 1
Input 2
Input 3
Input 4
Input 5 (STOP)
Input 6 (Mute)
Input 7 (Clear)
16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com