Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR5-101LJBW Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LR5-101LJBW
Description  Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-101LJBW Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LR5-101LJBW Datasheet HTML 1Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 2Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 3Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 4Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 5Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 6Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 7Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 8Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
WJ
LJ
PJ
0.49kg + (0.04kg)×Tiers + [0.05kg]
Buzzer sound No.4 was measured from the total circumfrence of the Buzzer Unit at 1m
Sound Pressure Level
2. Model
Mass
(Tolerance±10%)
0.38kg + (0.04kg)×Tiers + [0.05kg]
LR5
 
2.2. UL Registered Model
LR5-_01WJB , LR5-_01WJN , LR5-_01LJB , LR5-_01LJN ,
LR5-_01PJB , LR5-_01PJN
Environmental Condition
 
2.1.2 Model Number Example
(
LED Unit) + [Buzzer Unit]
0.2kg + (0.04kg)×Tiers + [0.05kg]
Sound Reduction Approx. -10dB
Depending on DIP Switch Settings
Refer to the 6.Buzzer Pattern Set-up
LR-501-
W18F-3_10
Typ.80dB
 
2.1.1Model Number Configuration
LED Unit Color
Size
Tiers
Body Color
Flashing/Buzzer
Mounting/Wiring
Rated Voltage
With Flashing/Buzzer
No Flashing/Buzzer
LJ
Direct Mount/Cable
Pole Mount with L-bracket/Cable
Pole Mount with Circular Bracket/Cable
5
5
4
2
1Tier
Model
Flashing/Buzzer
Assembly Model
Rated
Voltage
⇩
Tiers
⇩
-
LR
5
3
White
C
2Tiers
12V DC
PJ
N
WJ
5Tiers
B
01
Red
Amber
W
Green
R
Blue
Off-white
⇩
Y
G
B
3Tiers
01
4Tiers
Φ50
-
1
⇩
Body Color
W
LED Unit Color
Mounting/Wiring
From top to bottom
Body Color
Size
Flashing/Buzzer
Mounting/Wiring
Rated Voltage
W
Off-white
Mounting/Wiring
Body Color
WJ
Direct Mount/Cable
WJ
Rated
Voltage
5
LR
-
5 Φ50
N
W
Flashing/Buzzer
N
Model
No Flashing/Buzzer
Unit Model(Body Unit)
12V DC
01
01
LR5-01WJNW
●Φ
50 ●12V DC ●Direct Mount/Cable ●No Flashing/Buzzer ●Off-white
LR5-301WJNW-RYG
●Φ
50 ●LED Unit 3Tiers ●12V DC ●Direct Mount/Cable
●
No Flashing/Buzzer ●Off-white ●(From top to bottom)Red・Amber・Green
Unit Model
(Body Unit)
Assembly Model
LR5-501PJBW-RYGBC
●Φ
50 ●LED Unit 5 Tiers ●12V DC ●Pole Mount with Circular Bracket/Cable
●
With Flashing/Buzzer ●Off-white ●(From top to bottom)Red・Amber・Green・Blue・White
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com