Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR5-101LJBW Datasheet(PDF) 9 Page - PATLITE CORPORATION.

Part # LR5-101LJBW
Description  Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-101LJBW Datasheet(HTML) 9 Page - PATLITE CORPORATION.

Back Button LR5-101LJBW Datasheet HTML 2Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 3Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 4Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 5Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 6Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 7Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 8Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 9Page - PATLITE CORPORATION. LR5-101LJBW Datasheet HTML 10Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LR-501-
W18F-9_10
5.2 External Contact Capacity
IS≧700mA VS≧20V DC
Power Supply
IS≧100mA VS≧20V DC (※1)
IS:Current Capacity VS:Withstand Voltage IL:Leakage Current
Recommended contact capacity
IL≦0.1mA
LED Unit (1 Tier)
Buzzer
Leakage Current
IS≧300mA VS≧20V DC (※1)
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com