Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN780 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN780
Description  15-Kilogram Scale Using the TC500A and the TC520
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN780 Datasheet(HTML) 3 Page - Microchip Technology

  AN780 Datasheet HTML 1Page - Microchip Technology AN780 Datasheet HTML 2Page - Microchip Technology AN780 Datasheet HTML 3Page - Microchip Technology AN780 Datasheet HTML 4Page - Microchip Technology AN780 Datasheet HTML 5Page - Microchip Technology AN780 Datasheet HTML 6Page - Microchip Technology AN780 Datasheet HTML 7Page - Microchip Technology AN780 Datasheet HTML 8Page - Microchip Technology AN780 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS00780A-page 3
© 2002 Microchip Technology, Inc.
AN780
This application requires 120,000 counts which means that the
TC520's overrange bit must be used as the MSB, i.e., 17-bits. A
reference voltage with a tempco of 0.3ppm/
°C would normally be
required for stability over a 30
°C range. This could be a prohibitive
requirement. Fortunately the strain gauge has an output sensitivity
which is directly proportional to the supply voltage applied,
VSG = K (V
+ – V–)PSG,
eq3/a
where K is the constant for a particular strain gauge and the dual
slope converter produces a result which is inversely proportional to
its reference voltage:
TDEINT = VIN TINT/VREF
By deriving the reference from the supply voltage, any variations
will exactly cancel.
VREF = RREF x (V
+ – V–)/RTOTAL
eq3/b
–VSG = K PSG (V
+– V–)
G = –RB/RA
VIN = (V
+– V–) PSG K G
RREF = R2B + R3
RTOTAL = R1 + R2 + R3 + R4
VREF = (V
+– V–) RREF/RTOTAL
TDEINT =
VIN
VREF
TINT =
(V
+– V–) PSG K G
(V
+– V–) RREF/RTOTAL
TINT = PSG K G
RTOTAL
RREF
TINT
The TC500A has a differential reference input so the reference
voltage need not be referenced to ground. Rather than using a
precision reference for the TC500A and a precision supply for the
strain gauge, combining eq3/a and eq3/b into eq4 produces an
equation for the system:
TDEINT = K G PSG TINT RTOTAL/RREF
eq4
Notice that VIN has been replaced by an expression for the
pressure on the strain gauge (PSG), the strain gage constant (K)
and the gain of the amplifier (G). The actual differential reference
voltage is determined only by the ratio of resistance values (RTOTAL/
RREF ).
VIN+
BUF
6
72
9
11
5
41
3
TC500A
VIN–
CAZ
CINT
VREF+
VREF–
CREF+ CREF– V–
Analog
Common
10
8
VREF
Ground
–5V
.68
µ
CINT
CAZ
RINT
+5V
VIN
R1
R2a
R2b
R3
R4
6
4
3
2
RA
VSG
7
RB
–
+
V–
V+
+
Strain Gauge
PSG
–
+
FIGURE 3: Differential ratiometric reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com