Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN780 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN780
Description  15-Kilogram Scale Using the TC500A and the TC520
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN780 Datasheet(HTML) 2 Page - Microchip Technology

  AN780 Datasheet HTML 1Page - Microchip Technology AN780 Datasheet HTML 2Page - Microchip Technology AN780 Datasheet HTML 3Page - Microchip Technology AN780 Datasheet HTML 4Page - Microchip Technology AN780 Datasheet HTML 5Page - Microchip Technology AN780 Datasheet HTML 6Page - Microchip Technology AN780 Datasheet HTML 7Page - Microchip Technology AN780 Datasheet HTML 8Page - Microchip Technology AN780 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AN780
© 2002 Microchip Technology, Inc.
DS00780A-page 2
The 16-bit conversion result is accumulated in the TC520 along
with a polarity bit and an overrange bit. These bits are formed into
one 18-bit serial word which may be read at any rate and at any
time. Reading the serial data from the TC520 does not effect the
TC500A/TC520 conversion cycle except that the output shift
register will not update while reading is in progress.
DEVELOPING THE SCALE APPLICATION
USING THE TC500A AND THE TC520
Input Stage
The first consideration for a low signal level source is the amount
of gain required for the input amplifier. The TC500A has a CMOS
input buffer which, due to unity-gain phase margin, must have no
lower than about 68k
Ω for RINT. The maximum buffer current
VIN(max)/RINT) should be no more than about 20µA. This means
that the maximum input voltage to the TC500A should be about
1.5V. The 15kG strain gauge used for this application has an output
of about 1mV/gram which gives a gain requirement of at least 50.
The MCP606 CMOS operational amplifier is best suited for this
because of its low noise and minimal drift. The output impedance
of the strain gauge is only 300
Ω so a single-ended configuration
is more than adequate. Instead of 1.5V, the actual full-scale output
wound up to be about 1V. The value of RINT was set to 130kΩ, well
above the 68k
Ω minimum. This gives a maximum buffer current of
7.6
µA instead of 20µA.
Integrator Stage
The signal-to-noise ratio of the TC500A's integrator stage is a
function of the band-width. The 15kG scale needs to resolve 1g
with at least 8:1 over-sampling. This means at least 120,000
counts. The above rule of "1000 counts per millisecond" requires
at least 120ms for the integration time of the TC500A. Selecting
200mS will lower the band-width and get maximum rejection of 50/
60Hz. The strain gauge is a balanced bridge so the output will have
some common mode component. A value of 3.5V for VINT instead
of 4V will allow for some offset. Rearranging equation 1 gives an
expression for CINT:
CINT =VIN (max) TINT/VINT RINT
= 1V 200mS/3.5V 130k = .439mF
eq2
The next higher common value is .47
µF which was selected for
CINT. It is essential that this capacitor is a polypropylene type for
very low dielectric absorption.
REFERENCE VOLTAGE CIRCUIT
The differential reference voltage is derived by the standard, dual-
slope ratiometric technique:
VREF = VIN (max) TINT/TDEINT
eq3
where TDEINT is the deintegration time required for a full-scale
conversion.
INT
CAZ
BUF
IN+
IN–
REF+
REF–
COM
1
4
3
+V
COMP
B
A
CR–
CR+
GND
–V
OSCOUT
+V
LOAD
READ
DCLK
DIN
DOUT
*CINT
CAZ
RINT
100k
LM285-2.5
Analog Ground
.01
µ
.01u
11
10
9
8
5
100k
16
OSCIN
COMP
B
A
DV
CE
GND
14
13
12
6
7
15
2
–5V
DGND
2
14
13
5
4
Crystal
6
7
3
CREF
12
8
10
11
9
TC520
TC500A
+5V
SI
VIN+
SO
SK
RD
LD
10k
DV
CE
1
*CINT recommended Polypropylene
VIN–
FIGURE 2: TC500A and TC520



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com