Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10DMGLFB Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R5F10DMGLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 73Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 74Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 75Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 76Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 77Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 78Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 79Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 80Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 77 of 135
Mar 31, 2026
3.5.5 Serial interface: UART operation (128-pin only)
TA = -40 to +85
°C
2.7 V
≤ EVDD0 = EVDD1 ≤ VDD = ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V
Item
Symbol
Conditions
Min.
Max.
Unit
Transfer rate
T
fMCK/6Note
bps
Theoretical value of the maximum transfer rate
fCLK = 32 MHz, fMCK = fCLK
5.3
Mbps
Note When CSI transfer is operated by DMA, it is necessary to concider DMA response time to decide cycle time.
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.
Figure 3-9 UART connection diagram
Figure 3-10. UART mode bit width (reference)
Baud-rate tolerance
1/Transfer rate
High-/low-level bit width
TxD0
RxD0
VIH/VOH
VIL/VOL
RxD0
TxD
TxD0
RxD
User's device
D1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com