Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10DMGLFB Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F10DMGLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGLFB Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F10DMGLFB Datasheet HTML 81Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 82Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 83Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 84Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 85Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 86Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 87Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 88Page - Renesas Technology Corp R5F10DMGLFB Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 85 of 135
Mar 31, 2026
3.7 Analog characteristics
3.7.1 A/D converter characteristics
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS =0 V
Reference voltage (+) = AVREFP, Reference voltage(–) = AVREFM
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
Bit
Overall error Note 1,2
AINL
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
±1.2
±3.5
LSB
Conversion time
Tconv
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
3.6 V
≤VDD<5.5 V
2.125
39
μs
2.7 V
≤VDD<5.5 V
3.1875
39
μs
Zero-scale error Note 1, 2
EZS
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
0.25
%FSR
Full-scale error Note 1, 2
EFS
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
0.25
%FSR
Integral non-linearity
error Note 1
ILE
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
±2.5
LSB
Differential non-
linearityerror Note 1
DLE
10 bit Resolution
AVREFP = VDD Note 3
AVREFM = 0 V
±1.5
LSB
REF voltage(+)
AVREFP
2.7
VDD
V
REF voltage(-)
AVREFM
VSS
V
Analog input voltage
VAIN
AVREFM
AVREFP
V
REF supply Current
IREF
AVREFP = 3 V
38
60
μA
AVREFP = 5 V
63
100
μA
Notes 1. Excludes quantization error (±1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. Minimum VDD-0.5 V is allowed for AVREFP to keep characteristic values
Remark
When reference voltage (+) is not AVREFP pin or reference voltage (-) is not AVREFM pin, the accuracy will
become worse.
Renesas recommends to use A/D converter with AVREFP and AVREFM though other reference can be
functionally selected.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com