Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10Y47ASP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F10Y47ASP
Description  True Low Power Platform (as low as 46 μA/MHz), 2.0 to 5.5V Operation, 1 to 4 Kbyte Flash for General Purpose Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10Y47ASP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F10Y47ASP Datasheet HTML 9Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 10Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 11Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 12Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 13Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 14Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 15Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 16Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
RL78/G10
2. ELECTRICAL SPECIFICATIONS
R01DS0207EJ0321 Rev.3.21
Mar 22, 2024
Page 13 of 33
2.2 Oscillator Characteristics
2.2.1 X1 oscillator characteristics
(TA =
40 to +85C, 2.0 V  VDD  5.5 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock
oscillation
frequency
(fX)Note
Ceramic resonator/
crystal resonator
2.7 V
 VDD  5.5 V
1
20
MHz
2.0 V
 VDD < 2.7 V
1
5
MHz
Note Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the
X1 clock oscillation stabilization time using the oscillation stabilization time counter status register
(OSTC) by the user. Determine the oscillation stabilization time of the OSTC register and the
oscillation stabilization time select register (OSTS) after sufficiently evaluating the oscillation
stabilization time with the resonator to be used.
Remark
When using the X1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/G10 User’s Manual.
2.2.2 On-chip oscillator characteristics
(TA =
40 to +85C, 2.0 V  VDD  5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator oscillation
clock frequency Notes 1, 2
fIH
1.25
20
MHz
High-speed on-chip oscillator oscillation
clock frequency accuracy
TA = -20 to +85
C
-2.0
+2.0
%
TA = -40 to -20
C
-3.0
+3.0
%
Low-speed on-chip oscillator oscillation
clock frequency
fIL
15
kHz
Low-speed on-chip oscillator oscillation
clock frequency accuracy
-15
+15
%
Notes 1.
High-speed on-chip oscillator frequency is selected by bits 0 to 2 of option byte (000C2H).
2.
This only indicates the oscillator characteristics. Refer to AC Characteristics for instruction execution time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com