Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10Y47ASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10Y47ASP
Description  True Low Power Platform (as low as 46 μA/MHz), 2.0 to 5.5V Operation, 1 to 4 Kbyte Flash for General Purpose Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10Y47ASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10Y47ASP Datasheet HTML 1Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10Y47ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
RL78/G10
1. OUTLINE
R01DS0207EJ0321 Rev.3.21
Mar 22, 2024
Page 2 of 33
 ROM, RAM capacities
Flash ROM
RAM
10 pins
16 pins
4 KB
512 B
R5F10Y17
R5F10Y47
2 KB
256 B
R5F10Y16
R5F10Y46
1 KB
128 B
R5F10Y14
R5F10Y44
Remark
The functions mounted depend on the product. See 1.6 Outline of Functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com