Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD155 Datasheet(PDF) 3 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 3 Page - LightGraphix

  LD155 Datasheet HTML 1Page - LightGraphix LD155 Datasheet HTML 2Page - LightGraphix LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 3 of 11 | Data sheet issued: 22 May 2026
AVAILABLE FINISHES
Please refer to our finishes guide for full details
>
Marine Grade 316 Stainless Steel
>
Pristine mirror like finish
>
Recommended for pools and marine applications
>
Extremely durable with very high corrosion resistance
>
Passivated to extensively prolong resistance to corrosion
and brown stains caused by oxidation in marine environments
>
Interior & exterior use
POLISHED & PASSIVATED 316 STAINLESS STEEL
>
The powder coated finish is very matt
>
Not recommended for high traffic in-ground
applications, unless placed to one side where
the bezel will not be walked on
>
Powder coat paint is generally used on
stainless steel or anodised aluminium
components
>
Interior and exterior use
PAINT FINISH - POWDER COAT
RAL COLOURS
BLACK
(RAL 9005)
WHITE
(RAL 9016)
GUNMETAL GREY
(RAL 7021)
TEXTURED FIR GREEN
(RAL 6009)
TEXTURED MARS BRONZE
CLASSIC BRONZE
(YM262E)
>
Marine grade 316 Stainless Steel
>
Standard machined finish
>
Extremely durable
>
Passivation recommended for marine environments to prevent
corrosion and build up of brown stains caused by oxidation
>
Interior & exterior use
316 STAINLESS STEEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com