Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD792 Datasheet(PDF) 1 Page - LightGraphix

Part # LD792
Description  ADJUSTABLE COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD792 Datasheet(HTML) 1 Page - LightGraphix

  LD792 Datasheet HTML 1Page - LightGraphix LD792 Datasheet HTML 2Page - LightGraphix LD792 Datasheet HTML 3Page - LightGraphix LD792 Datasheet HTML 4Page - LightGraphix LD792 Datasheet HTML 5Page - LightGraphix LD792 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 6 | Data sheet issued: 21 May 2026
LD792
>
Very low glare with a deep recessed optic set back 26mm
>
Black anti-glare ring (see diagram) to prevent glare when tilted
>
Single optic for superior beam shape with no multiple shadows
>
Matt black, low glare inner baffle is supplied as standard and can be painted in a
colour of choice
>
Compact powerful fitting delivering 414lm in 3000K
>
Tight 12° narrow spot beam available
>
Machined aluminium bezel available in a wide range of finishes; White (RAL 9016),
Black (RAL 9005), Silver, Antique Bronze, Satin Antique Brass, Satin Brass,
Anthracite Grey (RAL 7016) or any RAL paint finish
>
30° tilt adjustability for ultimate flexibility
>
Versatile fitting rated IP65, ideal for interior and exterior projects including marine,
hospitality and residential general downlighting, column and wall washing
>
Features our E3 & F1 LED engines which is used across our uplight and surface
mounted products enabling colour and beam consistency across a project
>
E3 engine features reverse polarity protection
>
F1 COB engine with super warm 2200K option and 90+ CRI
>
Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available
For fitting dimensions please go to page 3.
KEY FEATURES
Dimensions in mm
DIMENSIONS
60
Black anti-glare
ring for when the
product is tilted.
Ø60
Ø60
ADJUSTABLE COMPACT INTERIOR/
EXTERIOR 2-TONE LED DOWNLIGHT
The compact LD792 has an excellent size to output ratio with
a deep recessed LED that is ideal for general downlighting
and the highlighting of walls and columns within interior,
exterior and marine applications (interior). Featuring as standard
a matt black inner baffle for ultra-low glare, this along with the
bezel can be painted in a wide range of colours offering endless
styling options to suit your design scheme requirements.
The adjustable lens assembly can be tilted up to 30° to allow
ultimate flexibility when focusing the product. Available LED
engines include E3 and F1, offering colour temperatures of
2200K-5000K and a variety of beam angles, including a tight
12° narrow beam with medium options for more general
downlighting. Though compact, the LD792 provides brilliant
thermal and light output performance, with a single optic
generating a superior beam shape and no multiple shadows.
LD792


Similar Part No. - LD792

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD790 LIGHTGRAPHIX-LD790 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-350 LIGHTGRAPHIX-LD790-E3-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-500 LIGHTGRAPHIX-LD790-E3-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-350 LIGHTGRAPHIX-LD790-F1-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-500 LIGHTGRAPHIX-LD790-F1-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
More results

Similar Description - LD792

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LMC-X27-80A-RLA-D DIALIGHT-LMC-X27-80A-RLA-D Datasheet
167Kb / 2P
COMPACT HIGH INTENSITY LED Downlight
SHELW1500 DIALIGHT-SHELW1500 Datasheet
86Kb / 1P
Compact High Intensity LED Downlight
logo
Cree, Inc
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com