Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD792 Datasheet(PDF) 6 Page - LightGraphix

Part # LD792
Description  ADJUSTABLE COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD792 Datasheet(HTML) 6 Page - LightGraphix

  LD792 Datasheet HTML 1Page - LightGraphix LD792 Datasheet HTML 2Page - LightGraphix LD792 Datasheet HTML 3Page - LightGraphix LD792 Datasheet HTML 4Page - LightGraphix LD792 Datasheet HTML 5Page - LightGraphix LD792 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 6 of 6 | Data sheet issued: 21 May 2026
LD792
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD792-E3-500/LW30/NB/Paint Finish White/Matt black
/
Bezel Finish
Inner Baffle Finish
LD792 -
Light Engine & Drive Current
/
/
/
Beam Angle
LED Colour
12°
Narrow spot
/NB
26°
Medium
/MB
Super Warm
White (2200K)
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K)
on request
/LW40
Cool White
(5000K)
/LW50
5W LED
at 350mA
LD792-E3-350
7W LED
at 500mA
LD792-E3-500
E3
Paint Finish
White
(RAL 9016)
Paint Finish
Black
(RAL 9005)
Paint Finish
Silver Anodised
Paint Finish
Antique Bronze
Satin Antique Brass
Paint Finish
Satin Brass
Paint Finish
Anthracite Grey
(RAL 7016)
Paint Finish
RAL
Matt Black
(Standard)
White
(RAL 9016)
Silver Anodised
Antique Bronze
Satin Antique Brass
Satin Brass
Anthracite Grey
(RAL 7016)
RAL
Drivers
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of LED drivers available. Please see the downloads section of our website.
21°
Medium spot
/MSB
28°
Medium
/MB
Super Warm
White (2200K)
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K)
on request
/LW40
Cool White
(5000K)
/LW50
3.5W LED
at 350mA
LD792-F1-350
5W LED
at 500mA
LD792-F1-500
7W LED
at 700mA
LD792-F1-700
F1
Ambient temperature key:
55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com