Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LINE15 Datasheet(PDF) 2 Page - LightGraphix

Part # LINE15
Description  EXTERIOR/ INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE15 Datasheet(HTML) 2 Page - LightGraphix

  LINE15 Datasheet HTML 1Page - LightGraphix LINE15 Datasheet HTML 2Page - LightGraphix LINE15 Datasheet HTML 3Page - LightGraphix LINE15 Datasheet HTML 4Page - LightGraphix LINE15 Datasheet HTML 5Page - LightGraphix LINE15 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LINE 15
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 23 April 2026
Engine
LT500
LT900
LT1400
LT2000
Colour temperature*
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
Typical LED Circuit Wattage/m
3W
6W
9W
13W
Delivered lumens (L100)*
267
533
800
1106
Delivered lm/Circuit W**
81
81
80
77
Source LED lm/m
494
987
1481
2048
Source lm/W
165
165
165
158
Forward voltage (V100)
24V
24V
24V
24V
CRI
90+
90+
90+
90+
Colour consistency
2 SDCM
2 SDCM
2 SDCM
2 SDCM
LOR
0.54
Colour Consistency
2 SDCM
LED Lifetime
L80B10 60,000Hrs.
Applications
These values are based on LINE 15/3000K/1000mm
*See lumen variance table to the right for lumens apply across all colour temperatures
**LED wattage includes losses associated with using a 90% efficient driver
WHITE LED ENGINE SPECIFICATION
Ambient temperature
-20°C to 45°C*
Materials
Anodised aluminium, polycarbonate colourLED® profile polycarbonate end caps
Weight of product (per m)
173.3g/m
IP rating
IP54 (IP67 option)
Cable
Pre-Wired 2 core silicon cable 1000mm (custom length on request)
Wiring
Parallel constant voltage wiring 24V
Max. Installed Length
4.013m
*For higher temperatures please contact sales@lightgraphix.co.uk
**Custom length on request
MECHANICAL
TM65
Available on request
TM66
2.2
ENVIRONMENTAL
Lumen variance by CCT
2200K
-20%
2400K
-11%
2700K
-4%
3000K
0%
4000K
3%
5000K
6%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com