Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LINE15 Datasheet(PDF) 4 Page - LightGraphix

Part # LINE15
Description  EXTERIOR/ INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LINE15 Datasheet(HTML) 4 Page - LightGraphix

  LINE15 Datasheet HTML 1Page - LightGraphix LINE15 Datasheet HTML 2Page - LightGraphix LINE15 Datasheet HTML 3Page - LightGraphix LINE15 Datasheet HTML 4Page - LightGraphix LINE15 Datasheet HTML 5Page - LightGraphix LINE15 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LINE 15
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 23 April 2026
DIMENSIONS & MOUNTING OPTIONS
/NF No fixing supplied
A No fixing supplied product is bonded directly
into mounting surface. Ideal for routed grooves
in 30mm thick shelves.
/3M 3M adhesive tape
Is suitable for most applications and will
provide a very good bond to metal, wood and
painted surfaces. 1mm thickness allows for
any bumps in the mounting surface. Ideal for
routed grooves where the fitting needs to sit
flush. Indoor only applications.
/SC Spring clips
Stainless steel fixing clips are ideal for
exterior environments. For example under
steps or around water features.
/LBM ‘L’ bracket mounting with spring clips
Ideal for mounting under steps where
access may be restricted.
LD Line 15
with Double-sided
tape
1:1 Scale for
CAD Download
Template for Scaling
151.7mm x 180.6mm
70%
15
15
16.5
18
13
DIM
DIM
LD Line 15
LD Line 15
/SC Spring clip
15
16
DIM
15
15
17
17.5
15
16
6 End allowance
8 End allowance
15
15
LD Line 15
with Double-sided
tape
1:1 Scale for
CAD Download
Template for Scaling
151.7mm x 180.6mm
70%
15
15
16.5
18
13
DIM
DIM
LD Line 15
LD Line 15
/SC Spring clip
15
16
DIM
15
15
17
17.5
15
16
6 End allowance
8 End allowance
16
15
20
20
LD Line 15
with Double-sided
tape
1:1 Scale for
CAD Download
Template for Scaling
151.7mm x 180.6mm
70%
15
15
16.5
18
13
DIM
DIM
LD Line 15
LD Line 15
/SC Spring clip
15
16
DIM
15
15
17
17.5
15
16
6 End allowance
8 End allowance
18
16.5
Dimensions in mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com