Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F110MEAFB Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F110MEAFB
Description  RENESAS MCU
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MEAFB Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F110MEAFB Datasheet HTML 36Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 37Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 38Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 39Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 40Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 41Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 42Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 43Page - Renesas Technology Corp R5F110MEAFB Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
RL78/L1C
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85°C)
R01DS0192EJ0240 Rev.2.40
Page 40 of 149
Dec 22, 2023
TCY vs VDD (LS (low-speed main) mode)
TCY vs VDD (LV (low-voltage main) mode)
1.0
0.1
0
10
1.0
2.0
3.0
3.6
0.01
During self programming
When high-speed system clock is selected
When the high-speed on-chip oscillator clock is selected
Supply voltage VDD [V]
1.8
4.0
0.125
5.0
6.0
1.0
0.1
0
10
1.0
2.0
3.0
0.01
Supply voltage VDD [V]
1.6
4.0
1.8
3.6
0.25
During self programming
When high-speed system clock is selected
When the high-speed on-chip oscillator clock is selected
5.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com