Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGL3CFB Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R7F100LGL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGL3CFB Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R7F100LGL3CFB Datasheet HTML 80Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 81Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 82Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 83Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 84Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 85Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 86Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 87Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 148 page
background image
RL78/L23
2. Electrical Characteristics
R01DS0502EJ0110 Rev.1.10
Page 84 of 145
Oct 31, 2025
2. In simplified SPI (CSI) communications in the master mode with devices operating at same voltage levels with the
internal SCKp clock (the ratings below are only applicable to CSI00)
Note 1.
This is for when the settings are DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. When the settings are DAPmn
= 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0, this is the setup time to or from the falling of SCKp.
Note 2.
This is for when the settings are DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1. When the settings are DAPmn
= 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0, this is the delay time to the rising of SCKp.
Note 3.
C is the load capacitance of the SCKp and SOp output lines.
Caution
Select the normal input buffer for the SIp pin and the normal output mode for the SOp pin and SCKp pin by using
the port input mode register (PIMg) and the port output mode register (POMg).
Remark 1.
The listed times are only valid when the peripheral I/O redirect function of CSI00 is not in use.
Remark 2.
p: CSI number (p = 00), g: PIM and POM number (g = 1), m: Unit number (m = 0), n: Channel number (n = 0)
Remark 3.
fMCK: Serial array unit operation clock frequency
To set this operating clock, use the CKSmn bit in the serial mode register mn (SMRmn) (m: Unit number, n: Channel
number (mn = 00).
(TA = -40 to +85°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Item
Symbols
Conditions
HS
(high-speed main)
mode
LS
(low-speed main)
mode
LP
(low-power main)
mode
Unit
Min.
Max.
Min.
Max.
Min.
Max.
SCKp cycle time
tKCY1
tKCY1 ≥ 2/fCLK 4.0 V ≤ VDD ≤ 5.5 V
62.5
83.3
1000
ns
2.7 V ≤ VDD ≤ 5.5 V
83.3
125
1000
ns
SCKp
high-level width,
low-level width
tKH1,
tKL1
4.0 V ≤ VDD ≤ 5.5 V
tKCY1/2
-7
tKCY1/2
-10
tKCY1/2
-50
ns
2.7 V ≤ VDD ≤ 5.5 V
tKCY1/2
-10
tKCY1/2
-15
tKCY1/2
-50
ns
SIp setup time to
the rising of SCKp
Note 1
tSIK1
4.0 V ≤ VDD ≤ 5.5 V
23
33
110
ns
2.7 V ≤ VDD ≤ 5.5 V
33
50
110
ns
SIp hold time from
the rising of SCKp
Note 1
tKSI1
2.7 V ≤ VDD ≤ 5.5 V
10
10
10
ns
Delay time from
the falling of SCKp
to an SOp output
Note 2
tKSO1
2.7 V ≤ VDD ≤ 5.5 V,
C = 20 pFNote 3
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com