Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7F100LGL3CFB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R7F100LGL3CFB
Description  RENESAS MCU
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100LGL3CFB Datasheet(HTML) 1 Page - Renesas Technology Corp

  R7F100LGL3CFB Datasheet HTML 1Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 2Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 3Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 4Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 5Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 6Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 7Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 8Page - Renesas Technology Corp R7F100LGL3CFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
R01DS0502EJ0110 Rev.1.10
Page 1 of 145
Oct 31, 2025
RL78/L23
RENESAS MCU
On-chip LCD controller/driver, true low-power platform, 50-µA/MHz operating current, 330-nA data retention current for 4 KB of
RAM, up to 512-KB code flash memory and 32-KB RAM, up to 36 capacitive touch sensors, from 44 to 100 pins, 1.6-5.5 V
Datasheet
1. Outline
1.1
Features
Ultra-low power consumption technology
•VDD = single power supply voltage of 1.6 to 5.5 V
•HALT mode
• STOP mode
High-speed wakeup from the STOP mode is
possible.
• SNOOZE mode
RL78 CPU core
• CISC architecture with 3-stage pipeline
• Minimum instruction execution time: Can be
changed from high speed (0.03125 µs @ 32 MHz
operation with the high-speed on-chip oscillator
clock) to ultra-low speed (30.5 µs @ 32.768 kHz
operation with the subsystem clock)
• Multiply/divide/multiply & accumulate instructions
are supported.
• Address space: 1 MB
• General-purpose registers: (8-bit register × 8) × 4
banks
• On-chip RAM: 16 to 32 KB
Code flash memory
• Code flash memory:
64 to 128 KB (single bank)
256 KB (128 KB × 2 banks or a single
256-KB bank)
512 KB (256 KB × 2 banks or a single
512-KB bank)
• Block size: 2 KB
• Prohibition of block erase and rewriting (security
function)
• On-chip debugging
• Self-programming (with boot swapping and flash
shield window)
• Bank programming: Enables updating of the
program in one bank while the user program is
running from the other bank.
Data flash memory
• Data flash memory: 8 KB
• Background operation (BGO): Instructions can be
executed from the program memory while
rewriting the data flash memory.
• Number of rewrites: 1,000,000 times (typ.)
High-speed on-chip oscillator
• Select from 64 MHz, 48 MHz, 32 MHz, 24 MHz,
16 MHz, 12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2
MHz, or 1 MHz
• High accuracy: ±1.0%
(VDD = 1.6 to 5.5 V, TA = -40 to +105°C)
Middle-speed on-chip oscillator
• Select from 4 MHz, 2 MHz, or 1 MHz (with
adjustability)
Low-speed on-chip oscillator
• 32.768 kHz (typ.) (with adjustability)
Operating ambient temperature
•TA = -40 to +105°C (3C: Industrial applications)
Power management and reset function
• On-chip power-on-reset (POR) circuit
• On-chip voltage detectors (LVD0 and LVD1)
Data transfer controller (DTC)
• Transfer modes: Normal transfer mode, repeat
transfer mode, block transfer mode
• Activation sources: Activated by interrupt sources.
• Chain transfer function
R01DS0502EJ0110
Rev.1.10
Oct 31, 2025


Similar Part No. - R7F100LGL3CFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7F100GAF2DSP RENESAS-R7F100GAF2DSP Datasheet
1Mb / 183P
RENESAS MCU
Rev.1.40 Oct 31, 2025
R7F100GAF3CSP RENESAS-R7F100GAF3CSP Datasheet
1Mb / 183P
RENESAS MCU
Rev.1.40 Oct 31, 2025
R7F100GAG2DSP RENESAS-R7F100GAG2DSP Datasheet
1Mb / 183P
RENESAS MCU
Rev.1.40 Oct 31, 2025
R7F100GAG3CSP RENESAS-R7F100GAG3CSP Datasheet
1Mb / 183P
RENESAS MCU
Rev.1.40 Oct 31, 2025
R7F100GAH2DSP RENESAS-R7F100GAH2DSP Datasheet
1Mb / 183P
RENESAS MCU
Rev.1.40 Oct 31, 2025
More results

Similar Description - R7F100LGL3CFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com