| Electronic Components Datasheet Search |
|
RX72T Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RX72T Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 120 page ![]() R01DS0331EJ0110 Rev.1.10 Page 21 of 120 Oct 06, 2023 RX72T Group 1. Overview Note: When not using any of the A/D converter, D/A converter, comparator C and temperature sensor, connect the AVCC0, AVCC1 and AVCC2 pins to VCC, and connect the AVSS0, AVSS1 and AVSS2 pins to VSS, respectively. Note: When the pin functions have “-DS” appended to their names, they can also be used as triggers for release from deep software standby. I/O ports P00, P01 I/O 2-bit input/output pins. P10 to P17 I/O 8-bit input/output pins. P20 to P27 I/O 8-bit input/output pins. P30 to P37 I/O 8-bit input/output pins. P40 to P47 I/O 8-bit input/output pins (P40 to P42, P44 to P46: input). P50 to P55 I/O 6-bit input/output pins. P60 to P65 I/O 6-bit input/output pins. P70 to P76 I/O 7-bit input/output pins. P80 to P82 I/O 3-bit input/output pins. P90 to P96 I/O 7-bit input/output pins. PA0 to PA7 I/O 8-bit input/output pins. PB0 to PB7 I/O 8-bit input/output pins. PC0 to PC6 I/O 7-bit input/output pins. PD0 to PD7 I/O 8-bit input/output pins. PE0 to PE6 I/O 7-bit input/output pins (PE2: input). PF0 to PF3 I/O 4-bit input/output pins. PG0 to PG2 I/O 3-bit input/output pins. PH0 to PH7 I/O 8-bit input/output pins (PH0, PH4: input). PK0 to PK2 I/O 3-bit input/output pins. Table 1.4 Pin Functions (6/6) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |