Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21990BBC Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-21990BBC
Description  Mixed-Signal DSP Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21990BBC Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-21990BBC Datasheet HTML 29Page - Analog Devices ADSP-21990BBC Datasheet HTML 30Page - Analog Devices ADSP-21990BBC Datasheet HTML 31Page - Analog Devices ADSP-21990BBC Datasheet HTML 32Page - Analog Devices ADSP-21990BBC Datasheet HTML 33Page - Analog Devices ADSP-21990BBC Datasheet HTML 34Page - Analog Devices ADSP-21990BBC Datasheet HTML 35Page - Analog Devices ADSP-21990BBC Datasheet HTML 36Page - Analog Devices ADSP-21990BBC Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
ADSP-21990
Rev. A
|
Page 33 of 50
|
August 2007
Serial Port Timing
Table 12 and Figure 13 describe SPORT transmit and receive
operations, while Figure 14 and Figure 15 describe SPORT
Frame Sync operations.
Table 12. Serial Port1, 2
Parameter
Min
Max
Unit
External Clock Timing Requirements
tSFSE
TFS/RFS Setup Before TCLK/RCLK3
4ns
tHFSE
TFS/RFS Hold After TCLK/RCLK3
4ns
tSDRE
Receive Data Setup Before RCLK3
1.5
ns
tHDRE
Receive Data Hold After RCLK
3
4ns
tSCLKW
TCLK/RCLK Width
0.5tHCLK – 1
ns
tSCLK
TCLK/RCLK Period
2tHCLK
ns
Internal Clock Timing Requirements
tSFSI
TFS Setup Before TCLK4; RFS Setup Before RCLK3
4ns
tHFSI
TFS/RFS Hold After TCLK/RCLK
3
3ns
tSDRI
Receive Data Setup Before RCLK
3
2ns
tHDRI
Receive Data Hold After RCLK
3
5ns
External or Internal Clock Switching Characteristics
tDFSE
TFS/RFS Delay After TCLK/RCLK (Internally
Generated FS)4
14
ns
tHOFSE
TFS/RFS Hold After TCLK/RCLK (Internally
Generated FS)
4
3ns
External Clock Switching Characteristics
tDDTE
Transmit Data Delay After TCLK4
13.4
ns
tHDTE
Transmit Data Hold After TCLK4
4ns
Internal Clock Switching Characteristics
tDDTI
Transmit Data Delay After TCLK
4
13.4
ns
tHDTI
Transmit Data Hold After TCLK4
4ns
tSCLKIW
TCLK/RCLK Width
0.5tHCLK – 3.5
0.5tHCLK + 2.5
ns
Enable and Three-State Switching Characteristics
5
tDTENE
Data Enable from External TCLK
4
0
12.1
ns
tDDTTE
Data Disable from External TCLK
4
13
ns
tDTENI
Data Enable from Internal TCLK4
013
ns
tDDTTI
Data Disable from External TCLK4
12
ns
External Late Frame Sync Switching Characteristics
tDDTLFSE
Data Delay from Late External TFS with MCE=1, MFD=0
6, 7
10.5
ns
tDTENLFSE
Data Enable from Late FS or MCE =1, MFD =0
6, 7
3.5
ns
1 To determine whether communication is possible between two devices at clock speed n, the following specifications must be confirmed: 1) frame sync delay and frame
sync setup-and-hold, 2) data delay and data setup-and-hold, and 3) SCLK width.
2 Word selected timing for I2S mode is the same as TFS/RFS timing (normal framing only).
3 Referenced to sample edge.
4 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com