| Electronic Components Datasheet Search |
|
RZ/T2M Datasheet(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/T2M Datasheet(HTML) 126 Page - Renesas Technology Corp |
|
126 / 128 page ![]() Revision History Revision 1.00 — March 22, 2022 ● Initial release Revision 1.10 — September 30, 2022 Features: ● Corrected Trigonometric function unit. 1. Overview: ● Corrected Table 1.3 System. ● Corrected Table 1.8 Communication interfaces. ● Corrected Table 1.9 Analog. ● Corrected Table 1.10 Hardware accelerator for industrial interfaces. ● Corrected Table 1.12 Security. ● Corrected Table 1.14 Others. ● Corrected Table 1.15 Comparison of Functions for Different Packages. ● Corrected Figure 1.1 Block diagram of a 320-pin device. ● Corrected Table 1.18 List of pins and pin functions (320-pin FBGA). ● Corrected Table 1.19 List of pins and pin functions (225-pin FBGA). ● Corrected Table 1.20 List of pins and pin functions (176-pin LQFP). ● Corrected Table 1.21 List of pins and pin functions (128-pin LQFP). 2. Electrical Characteristics: ● Corrected Table 2.21 Bus timing. ● Corrected Table 2.22 Bus timing. ● Corrected Table 2.33 IIC timing. ● Corrected Table 2.46 Temperature sensor characteristics. Revision 1.20 — October 31, 2023 1. Overview: ● Updated Table 1.7 Timers. 2. Electrical Characteristics: ● Updated Table 2.35 SPI timing. ● Updated Table 2.40 Serial management interface timing. Revision 1.30 — March 13, 2026 1. Overview: ● Updated Table 1.12 Security ● Updated Table 1.16 Product lineup ● Updated Table 1.19 List of pins and pin functions (225-pin FBGA) 2. Electrical Characteristics: ● Updated Table 2.1 Absolute maximum ratings ● Updated Table 2.2 Power supply ● Updated 2.3 Power On/Off Sequence ● Updated Figure 2.1 Power on/off sequence ● Updated Table 2.3 Power on/off sequence timing ● Updated Table 2.16 Ethernet PHY reference clock output timing ● Updated Table 2.20 Reset, interrupt, and mode timing ● Updated Table 2.23 DMAC timing ● Updated Table 2.24 DMAC timing ● Updated Table 2.32 SCI timing ● Updated Table 2.36 xSPI timing ● Updated Figure 2.77 DS to CS signal timing ● Updated Table 2.37 ΔΣ interface timing ● Updated Table 2.38 Ethernet interface timing ● Updated Figure 2.82 RMII transmission and reception timing (Reference clock input) (n = 0 to 2, m = 0 to 1) ● Added Figure 2.83 RMII transmission and reception timing (Reference clock output) (n = 0 to 2, m = 0 to 1) ● Added Figure 2.85 ESC MII transmission timing (Automatic TX shift disabled,) (n = 0 to 2, m = 0 to 3) RZ/T2M Datasheet Revision History R01DS0383EJ0130 Rev.1.30 Mar 13, 2026 Page 126 of 128 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |