Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/T2M Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 21Page - Renesas Technology Corp RZ/T2M Datasheet HTML 22Page - Renesas Technology Corp RZ/T2M Datasheet HTML 23Page - Renesas Technology Corp RZ/T2M Datasheet HTML 24Page - Renesas Technology Corp RZ/T2M Datasheet HTML 25Page - Renesas Technology Corp RZ/T2M Datasheet HTML 26Page - Renesas Technology Corp RZ/T2M Datasheet HTML 27Page - Renesas Technology Corp RZ/T2M Datasheet HTML 28Page - Renesas Technology Corp RZ/T2M Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
Table 1.18
List of pins and pin functions (320-pin FBGA) (6 of 10)
Pin
number
I/O power
domain
Power supply
clock system
control
I/O
port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (SCI, IIC,
GMAC, ETHSW, ESC, USB,
CANFD, SPI, xSPI)
DSMIF
Interrupt ADC12
Encoder
I/F
L2
TRACEDATA6
P04_0
A9
MTIOC3D / GTIOC5B RXD3 / SCL3 / MISO3
L3
TRACEDATA4
P03_6
A11
MTIOC3B / GTIOC4B
TXD2 / SDA2 / MOSI2 /
ETH2_COL / SPI_SSL13
MDAT
2
IRQ8
L5
TRACEDATA7
P04_4
A8
POE10# /
GTADSMP0
CTS3# / SPI_RSPCK1
IRQ10
ENCIF10
L6
VCC33
L8
VDD
L9
VSS
L10
VSS
L11
VSS
L12
VSS
L13
VDD
L15
VCC1833_3
L16
VCC1833_3
P15_1
A24
MTIOC0C
TXD5 / SDA5 / MOSI5 /
SPI_SSL10 / XSPI0_IO2
L18
VCC1833_3
P16_1
CMTW0_TOC1
RXD0 / SCL0 /
MISO0 / SPI_MISO3 /
XSPI0_RESET0#
MDAT
3
ADTRG0# ENCIF2
L19
VCC1833_3
P16_2
CTS0# / USB_EXICEN /
SPI_RSPCK3 /
XSPI0_RESET1#
NMI
ENCIF3
L20
VCC1833_3
P16_4
M1
P04_1
CKIO
TXD3 / SDA3 / MOSI3 /
IIC_SDA2 / SPI_MOSI0
M2
P04_2
CS0#
M3
P04_3
RD#
SS3# / CTS3# / RTS3# /
IIC_SCL2 / USB_OVRCUR /
SPI_RSPCK0
M5
MD1
P04_6
A6 / DACK
RTCAT1HZ
ETH1_TXER
M6
P05_0
A4
MTIOC4A /
GTIOC6A /
CMTW0_TOC0
SS5# / CTS5# / RTS5# /
ETH1_CRS / USB_VBUSEN /
CANTXDP0
MCLK
3
IRQ12
ENCIF11
M8
VDD
M9
VSS
M10
VSS
M11
VSS
M12
VSS
M13
VDD
M15
VCC1833_3
P15_0
A23
RXD5 / SCL5 / MISO5 /
SPI_MOSI1 / XSPI0_IO1
M16
VCC1833_3
P14_2
MTIOC8B / GTIOC8B
ETH0_CRS / XSPI0_ECS0#
IRQ6
ENCIF12
M18
VCC1833_3
P15_3
MTIOC8C
XSPI0_IO4
MCLK
1
M19
VCC1833_3
P15_7
TEND
CTS5# / SPI_SSL13 /
XSPI0_CS0#
ENCIF1
M20
VCC1833_3
P16_0
TXD0 / SDA0 / MOSI0 /
ETH0_TXER / SPI_MOSI3 /
XSPI0_CS1#
MCLK
3
ENCIF0
N1
MD0
P04_5
A7
DE3
N2
MD2
P04_7
A5
ETH0_TXER / SPI_SSL21
N3
P05_1
A3
MTIOC4B /
GTIOC6B /
CMTW0_TIC1
CTS5# / ETH1_COL /
USB_EXICEN / CANRXDP0
MDAT
3
IRQ13
ENCIF12
N5
VCC1833_1
P05_4
A0 / DACK
GTIOC14A
RXD4 / SCL4 /
MISO4 / ETHSW_LPI0 /
USB_OVRCUR / CANTXDP0 /
SPI_SSL00
IRQ12
ENCIF15
N6
VCC1833_1
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 25 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com