Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB-HHLSU1-14 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # KB-HHLSU1-14
Description  OSRAM OSTAR™ Projection Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-HHLSU1-14 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button KB-HHLSU1-14 Datasheet HTML 12Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 13Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 14Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 15Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 16Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 17Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 18Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 19Page - ams-OSRAM AG KB-HHLSU1-14 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
KB HHLSU1.14
DATASHEET
DATASHEET
16 | Version 1.1 | 2026-07-02
Tape and Reel 8)
Reel Dimensions
A
W
N
min
W
1
W
2 max
Pieces per PU
180 mm
12 + 0.3 / - 0.1 mm
60 mm
12.4 + 2 mm
18.4 mm
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com