Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/N2L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/N2L Datasheet HTML 1Page - Renesas Technology Corp RZ/N2L Datasheet HTML 2Page - Renesas Technology Corp RZ/N2L Datasheet HTML 3Page - Renesas Technology Corp RZ/N2L Datasheet HTML 4Page - Renesas Technology Corp RZ/N2L Datasheet HTML 5Page - Renesas Technology Corp RZ/N2L Datasheet HTML 6Page - Renesas Technology Corp RZ/N2L Datasheet HTML 7Page - Renesas Technology Corp RZ/N2L Datasheet HTML 8Page - Renesas Technology Corp RZ/N2L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
RZ/N2L Group
RZ Arm-based High-end 32 & 64-bit MPUs
200/400 MHz, Arm® Cortex®-R52 on-chip FPU and NEON™, 1.5 MB of on-chip SRAM, Ethernet MAC, EtherCAT, USB 2.0
high-speed, CAN/CANFD, various communications interfaces such as an xSPI and ΔΣ interface, and security functions
Features
R01DS0397EJ0140
Rev.1.40
Mar 31, 2026
■ On-chip 32-bit Arm Cortex-R52 processor
● High-speed realtime control with operating frequency of 200/400
MHz
● On-chip Single 32-bit Arm Cortex-R52 (revision r1p3)
● Tightly coupled memory (TCM) with ECC
– CPU0: 128 KB/128 KB
● Instruction cache/data cache with ECC
– CPU0: 16 KB per cache
● High-speed interrupt
● The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at single-
precision and double-precision.
● The NEON, Advanced SIMD, supports integer or single precision
results.
● Harvard architecture with 8-stage pipeline
● Supports the memory protection unit (MPU)
● Arm CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces.
■ Low power consumption
● Standby mode and module stop function
■ On-chip SRAM
● 1.5 MB of the on-chip SRAM with ECC
● 150/200 MHz
■ Data transfer
● DMAC: 8 channels × 2 units
■ Event link controller
● Module operations can be started by event signals rather than by
interrupt handlers.
● Linked operation of modules is available even while the CPU is in
the standby state.
■ Reset and power supply voltage control
● Four reset sources including a pin reset
■ Clock functions
● External clock/oscillator input frequency: 25 MHz
● CPU clock frequency: 200/400 MHz or 150/300 MHz
● System clock frequency: 200 MHz or 150 MHz
● Low-speed on-chip oscillator (LOCO): 240 kHz
■ Safety functions
● Register write protection, input clock oscillation stop detection and
CRC
● Master Memory Protection Unit (MPU)
■ Security functions (optional)
● Boot mode with security through encryption
● JTAG authentication
● Cryptologic accelerator
● TRNG
■ Various communications interfaces
● Ethernet
– EtherCAT slave Controller: 3 ports
– Ethernet switch: 3 ports
– Ethernet MAC: 1 port
● USB 2.0 high-speed host/functions: 1 channel
● CAN/CANFD (compliant with ISO11898-1): 2 channels
● SCI with 16-byte transmission and reception FIFOs: 6 channels
● I2C bus interface: 3 channel for transfer at up to 400 kbps
● SPI: 4 channels
● xSPI: 2 channels
■ External host interfaces
● Serial host interface (SHOSTIF)
● Parallel host interface (PHOSTIF)
■ External address space
● Buses for high-speed data transfer at up to 100 MHz
● Support for up to 4 CS areas
● 8- or 16-bit bus space is selectable per area
■ Up to 35 extended-function timers
● 16-bit × 8 + 32-bit MTU3 (9 channels), 32-bit GPT (18 channels):
Input capture, output compare, PWM waveform output
● 16-bit CMT (6 channels), 32-bit CMTW (2 channels)
■ ΔΣ interface
● Up to 6 ΔΣ modulators are connectable externally.
■ Trigonometric function unit
● Simultaneous calculation of sine and cosine
● Simultaneous calculation of arctangent and hypot_k
■ 12-bit A/D converter
● 12 bits × 2 unit (4 channels for unit 0, 8 channels for unit 1)
■ Temperature sensor for measuring temperature within the
chip
■ General-purpose I/O ports
● Input pull-up/pull-down
● The locations of input/output functions for peripheral modules are
selectable from among multiple pins.
■ Operating temperature range
● Tj = -40 to +125°C
Datasheet
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 1 of 128


Similar Part No. - RZ/N2L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/N2L RENESAS-RZ/N2L Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.20 Sep 30, 2022
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com