Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/N2L Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 5Page - Renesas Technology Corp RZ/N2L Datasheet HTML 6Page - Renesas Technology Corp RZ/N2L Datasheet HTML 7Page - Renesas Technology Corp RZ/N2L Datasheet HTML 8Page - Renesas Technology Corp RZ/N2L Datasheet HTML 9Page - Renesas Technology Corp RZ/N2L Datasheet HTML 10Page - Renesas Technology Corp RZ/N2L Datasheet HTML 11Page - Renesas Technology Corp RZ/N2L Datasheet HTML 12Page - Renesas Technology Corp RZ/N2L Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
Table 1.11
Safety (2 of 2)
Feature
Functional description
Isolated peripherals
● Safety dedicated peripherals are available:
– GPT: 4 ch
– SCI: 1 ch
– IIC: 1 ch
– SPI: 1 ch
– CRC: 1 unit
– RTC: 1 unit
– GPIO: Sharable with normal GPIO
– On-chip system SRAM with ECC
● They are mapped independently from normal peripherals so that access protection can be
done by EL2 MPU.
Table 1.12
Security
Feature
Functional description
Security*1
● Secure boot
● JTAG authentication*2
● SCI/USB boot disable
● Cryptographic accelerators
– Symmetric Cipher: AES 128/192/256 bits with CBC/ECB/CTR/GCM/XTS
– Asymmetric Cipher: ECC 256 bits, RSA 1024/2048/3072 bits, RSAES-OAEP
– Hash: SHA-1, SHA-2
– Message authentication: HMAC, CMAC, GMAC
– Signature algorithms: ECDSA with NIST P-256, RSASSA-PSS, RSASSA-PKCS1
● TRNG
Note 1. For details, contact our sales representative.
Note 2. Authentication by plaintext is available in non-security support product.
Table 1.13
Debug
Feature
Functional description
Debugging interface
● CoreSight architecture designed by Arm
● Debugging function by the JTAG/SWD interface, and trace function by the trace port
interface
Table 1.14
External host interface
Feature
Functional description
Serial host interface (SHOSTIF)
● Serial communication is possible in slave mode.
● Supported interface
– Motorola Serial Peripheral Interface (4-wire SPI)
– Enhanced SPI Modes with Dual, Quad, or Octal SPI
● Serial clock polarity switching
● Serial clock phase switching
● Single Data Transfer
● Data size is up to 32 bits × 64 burst
Parallel host interface (PHOSTIF)
● Synchronous/Asynchronous SRAM Interface Mode
● Synchronous Burst SRAM Type Transfer Mode
● Bus width: 8 or 16 bits
● Synchronous relations
– HCKIO synchronous
● Write buffer
● Read buffer
● Multiplexing of addresses and data (Synchronous Burst SRAM Type only)
Mailbox and semaphore (MBXSEM)
● Eight semaphores
● Four 32-bit mailboxes for both external host CPU to Cortex-R52 and Cortex-R52 to external
host CPU
● Interrupts can be generated and cleared from both external host CPU and Cortex-R52
RZ/N2L Datasheet
1. Overview
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 9 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com