| Electronic Components Datasheet Search |
|
RZ/N2L Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/N2L Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 128 page ![]() Table 1.18 Pin functions (2 of 7) Classification Pin name I/O Description Debugging interface TRST# Input Test reset pin for the on-chip emulator TMS I/O Test mode select pin for the on-chip emulator Functions as the SWDIO pin in serial wire debug (SWD) mode TDI Input Test data input pin for the on-chip emulator TDO Output Test data output pin for the on-chip emulator TCK Input Test clock pin for the on-chip emulator Functions as the SWCLK pin in serial wire debug (SWD) mode TRACECLK Output Outputs the clock for synchronization with trace data TRACECTL Output Outputs the enable signal for trace control TRACEDATA0 to TRACEDATA7 Output Output trace data Bus state controller (BSC) A25 to A0 Output Output the address D15 to D0 I/O Input and output the data CS0#, CS2#, CS3#, CS5# Output Output the chip select signal for the external memory or device. RD# Output Outputs the strobe signal which indicates a read is in progress. RD/WR# Output Outputs the strobe signal which indicates a read or write access BS# Output Outputs the status signal which indicates the start of the bus cycle AH# Output Outputs the address hold signal for the device that uses the multiplexed I/O interface WAIT# Input Inputs the external wait control signal which inserts a wait cycle into the bus cycle WE0# Output Outputs the write strobe signal to D7 to D0 WE1# Output Outputs the write strobe signal to D15 to D8 DQMLL Output Outputs the data mask enable signal to D7 to D0 when SDRAM is connected DQMLU Output Outputs the data mask enable signal to D15 to D8 when SDRAM is connected RAS# Output Outputs the row-address strobe signal to the SDRAM. This pin should be connected to the RAS# pin on the SDRAM. CAS# Output Outputs the column-address strobe signal to the SDRAM. This pin should be connected to the CAS# pin on the SDRAM. CKE Output Outputs the clock enable signal to the SDRAM. This pin should be connected to the CKE pin on the SDRAM. Direct memory access controller (DMAC) DREQ Input Inputs the DMA transfer request signal from the external device DACK Output Outputs the acknowledge signal which indicates acceptance of the DMA transfer request from the external device TEND Output Outputs the DMA transfer end signal Interrupt NMI Input Inputs the non-maskable interrupt request signal IRQ0 to IRQ15 Input Input the external interrupt request signal RZ/N2L Datasheet 1. Overview R01DS0397EJ0140 Rev.1.40 Mar 31, 2026 Page 15 of 128 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |