Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRT-LSLPS1-32 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KRT-LSLPS1-32
Description  DISPLIX® P3333
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRT-LSLPS1-32 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KRT-LSLPS1-32 Datasheet HTML 3Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 4Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 5Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 6Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 7Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 8Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 9Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 10Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
KRT LSLPS1.32
DATASHEET
DATASHEET
7 | Version 1.2 | 2024-01-29
Wavelength Groups
● red
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
EQ
616 nm
626 nm
Wavelength Groups
● true green
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
DJ
519 nm
524 nm
FL
521 nm
526 nm
JP
524 nm
529 nm
LR
526 nm
531 nm
PU
529 nm
534 nm
RW
531 nm
536 nm
U3
534 nm
541 nm
18
539 nm
546 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com