Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRT-LSLPS1-32 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KRT-LSLPS1-32
Description  DISPLIX® P3333
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRT-LSLPS1-32 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KRT-LSLPS1-32 Datasheet HTML 1Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 2Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 3Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 4Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 5Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 6Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 7Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 8Page - ams-OSRAM AG KRT-LSLPS1-32 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
KRT LSLPS1.32
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-01-29
DISPLIX® P3333
KRT LSLPS1.32
This device is especially designed for full color RG applications.
The 6-lead technology allows for an additive mixture of color
stimuli by independent driving of each chip.
Applications
- Entertainment
- Indoor Lighting
- Projection & Display
Features
- Package: white PLCC-6 package, diffused silicone resin, black surface
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 621 nm (● red); λdom = 532 nm (● true green)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com