Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H25 Datasheet(PDF) 42 Page - STMicroelectronics

Part # MK50H25
Description  HIGH SPEED LINK LEVEL CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H25 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button MK50H25 Datasheet HTML 38Page - STMicroelectronics MK50H25 Datasheet HTML 39Page - STMicroelectronics MK50H25 Datasheet HTML 40Page - STMicroelectronics MK50H25 Datasheet HTML 41Page - STMicroelectronics MK50H25 Datasheet HTML 42Page - STMicroelectronics MK50H25 Datasheet HTML 43Page - STMicroelectronics MK50H25 Datasheet HTML 44Page - STMicroelectronics MK50H25 Datasheet HTML 45Page - STMicroelectronics MK50H25 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
4.4.8 Link Reset
The following procedure should be followed to reset an established link.
1. Issue a Reset Request primitive (UPRIM=8).
2. Wait for a Reset Confirmation primitive (PPRIM=9) from the MK50H25 (indicating reception of UA
frame in response to SABM sent).
3. If a Reset Confirmation primitive is received, a link has been reset.
4. If a Disconnect Indication primitive (PPRIM=14) is received, the MK5025 was unable to reset the link.
The reason will be in the PPARM field of CSR1. Link connection procedures now must be performed
to re-establish the link.
4.4.9 Receiving Link Reset
The following procedure should be followed when receiving a request for link reset:
1. A Reset Indication primitive (PPRIM=8) will be received from the MK50H25 indicating the remote sta-
tion has requested a resetting of the link.
2. If able to reset, issue a Reset Response primitive (UPRIM=9) to indicate willingness to reset the link.
3. If unable to reset, issue a Disconnect Request primitive (UPRIM=14) to disconnect the link.
4.4.10 Receiving FRMR Frame
The following procedure should be followed when receiving a FRMR frame:
1. An Error Indication primitive (PPRIM=4) will be received from the MK50H25 indicating an error condi-
tion. PPARM=2 will indicate a FRMR has been received. The I-field of the FRMR has been placed in
the receive buffer pointed to by the next available Receive Descriptor.
2. If able to reset the link, issue a Reset Response primitive (UPRIM=9) and wait for either a Reset Indi-
cation or a Disconnect Indication as described previously for Link Reset.
3. If unable to reset, issue a Disconnect Request primitive (UPRIM=14) to disconnect the link. Link con-
nection procedures now must be performed to re-establish the link.
4.4.11 Exchanging Identification
The following procedure should be followed to exchange identification with the remote station:
1. The XIDE bit in CSR2 must be set prior to any identification exchange.
2. Place appropriate identification information in the XID/TEST Transmit buffer.
3. Issue an XID Request primitive (UPRIM=10)
4. If an XID Confirmation primitive (PPRIM=11) is received, the identification exchange has been per-
formed, and the remote response is located in the XID/TEST Receive buffer.
4.4.12 Receiving XID/TEST Frames
The following procedure should be performed when receiving XID/TEST frames:
1. A XID Indication primitive (PPRIM=10) or TEST Indication Primitive (PPRIM=12) will be received from
the MK50H25 to indicate the reception of a XID or TEST frame. The information field of the received
XID or TEST frame will be located in the XID/TEST receive buffer.
2. To respond, place the appropriate information in the XID/TEST transmit buffer and issue a XID/TEST
Response Primitive (UPRIM=11/13).
3. To refuse, issue a Disconnect Request primitive (UPRIM=14).
NOTE: A XID or TEST Indication primitive will only be issued if the XIDE bit is set in CSR2. Otherwise all
XID/TEST frames will automatically be refused and not recognized.
4.4.13 Disabling the MK50H25
The following procedure should be followed to disable the MK50H25:
1. Issue the STOP primitive through CSR1. This will disable the MK50H25 from receiving or transmitting.
The TD pin will be held high while the MK50H25 is in the Stopped mode. The STOP bit in CSR0 will
be set and interrupts will be disabled. If reception or transmission of a frame is in progress, then re-
ceived data may be lost, and the transmitted frame will be aborted.
4.4.14 Re-enabling the MK50H25
The same procedure should be followed for re-enabling the MK50H25 as was used to initalize upon
power up. If the Initialization Block and the hardware configuration have not changed, then steps 1,2,3,
4 and 5 of the intialization sequence may be omitted.
MK50H25
42/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com