Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD350 Datasheet(PDF) 39 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 39 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 35Page - Microchip Technology RNBD350 Datasheet HTML 36Page - Microchip Technology RNBD350 Datasheet HTML 37Page - Microchip Technology RNBD350 Datasheet HTML 38Page - Microchip Technology RNBD350 Datasheet HTML 39Page - Microchip Technology RNBD350 Datasheet HTML 40Page - Microchip Technology RNBD350 Datasheet HTML 41Page - Microchip Technology RNBD350 Datasheet HTML 42Page - Microchip Technology RNBD350 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
RNBD350
Physical Dimensions and Attributes
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 39
Figure 6-7. RNBD350 Antenna Placement Guidelines
5cm from board edge
5cm from board edge
c
Preferred cable routing directions
Note: These are generic guidelines, and the recommendation is that the customers can check and
fine-tune the antenna positioning in the final host product based on RF performance.
6.5.2.1. External Antennas
The RNBD350UE modules have an ultra-small surface mount U.FL connector for an external
antenna connection. The choice of antenna is limited to the antenna types that the module is tested
and approved for.
The RNBD350UE modules are approved to use with the antennas listed in the following table. It is
permissible to use a different antenna, provided it is the same antenna type, has the same antenna
gain (equal or less than) and similar in-band and out-of-band characteristics are present (refer to the
antenna specification sheet for cutoff frequencies).
If other antenna types are used, the OEM installer must conduct the necessary assessments and
authorize the antenna with the respective regulatory agencies and ensure compliance.
Table 6-2. RNBD350 Module Approved External Antenna List with Antenna Gain
Antenna
Number
Part Number
Manufacturer
Antenna
Gain (dBi)
Antenna
Type
Comment
1
W3525B039
Pulse
2
PCB
Cable length 100 mm
2
RFDPA870915IMAB306
WALSIN
1.82
Dipole
150 mm
3
001-0016
LSR
2.5
PIFA
Flex PCB antenna
4
001-0001
LSR
2
Dipole
RPSMA connector
5
1461530100
Molex
3
PCB
100 mm (Dual Band)
6
ANT-2.4-LPW-125
Linx Technologies
2.8
Dipole
125 mm
7
RFA-02-P05-D034
Alead
2
PCB
150 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com