Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNBD350 Datasheet(PDF) 40 Page - Microchip Technology

Part # RNBD350
Description  RNBD350 Bluetooth® Low Energy Module
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RNBD350 Datasheet(HTML) 40 Page - Microchip Technology

Back Button RNBD350 Datasheet HTML 36Page - Microchip Technology RNBD350 Datasheet HTML 37Page - Microchip Technology RNBD350 Datasheet HTML 38Page - Microchip Technology RNBD350 Datasheet HTML 39Page - Microchip Technology RNBD350 Datasheet HTML 40Page - Microchip Technology RNBD350 Datasheet HTML 41Page - Microchip Technology RNBD350 Datasheet HTML 42Page - Microchip Technology RNBD350 Datasheet HTML 43Page - Microchip Technology RNBD350 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
RNBD350
Physical Dimensions and Attributes
 Data Sheet
© 2024–2026 Microchip Technology Inc. and its subsidiaries
DS70005561C - 40
Table 6-2. RNBD350 Module Approved External Antenna List with Antenna Gain (continued)
Antenna
Number
Part Number
Manufacturer
Antenna
Gain (dBi)
Antenna
Type
Comment
8
RFA-02-P33-D034
Alead
2
PCB
150 mm
9
ABAR1504-S2450
ABRACON
2.28
PCB
250 mm
10
WBZ350 LGA
—
2.9
PCB
only for WBZ350 and
RNBD350 module
Notes: 
1. If the end product using the module is designed to have an antenna port that is accessible to the end user, a unique
(non-standard) antenna connector (as permissible by FCC) must be used (for example, RP (Reverse Polarity)-SMA
socket).
2. If an RF coaxial cable is used between the module RF output and the enclosure, a unique (non-standard) antenna
connector must be used in the enclosure wall to interface with the antenna.
3. Contact the antenna vendor for detailed antenna specifications to review the suitability to the end product operating
environment and to identify alternatives.
4. If any external antenna is used other than the recommended antennas in the list, it may need an extra step of
post-calibration on the customer's application board.
6.6.
RNBD350 Module Reflow Profile Information
The RNBD350 Module was assembled using the IPC/JEDEC J-STD-020 standard lead-free reflow
profile. The RNBD350 Module can be soldered to the host board using standard leaded or lead-free
solder reflow profiles. To avoid damaging the module, adhere to the following recommendations:
• For solder reflow recommendations, refer to the AN233 Solder Reflow Recommendation Application
Note (DS00233).
• Do not exceed a peak temperature (TP) of 250°C.
• For specific reflow profile recommendations from the vendor, refer to the Solder Paste Data Sheet.
• Use no-clean flux solder paste.
• Do not wash as moisture can be trapped under the shield.
• Use only one flow. If the PCB requires multiple flows, apply the module on the final flow.
6.6.1.
Cleaning
The exposed GND pad helps to self-align the module, avoiding pad misalignment. The
recommendation is to use the no clean solder pastes. Ensure full drying of no-clean paste fluxes as
a result of the reflow process. As per the recommendation by the solder paste vendor, this requires
longer reflow profiles and/or peak temperatures toward the high end of the process window. The
uncured flux residues can lead to corrosion and/or shorting in accelerated testing and possibly the
field.
6.7.
RNBD350 Module Assembly Considerations
The RNBD350 module is assembled with an EMI shield to ensure compliance with EMI emission and
immunity rules. The EMI shield is made of a tin-plated steel (SPTE) and is not hermetically sealed.
Use the solutions such as IPA and similar solvents to clean this module. The user must never use
cleaning solutions containing acid on the module.
6.7.1.
Conformal Coating
The modules are not intended for use with a conformal coating, and the customer assumes all risks
(such as the module reliability, performance degradation and so on) if a conformal coating is applied
to the modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com