Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H27 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK50H27
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27 Datasheet(HTML) 1 Page - STMicroelectronics

  MK50H27 Datasheet HTML 1Page - STMicroelectronics MK50H27 Datasheet HTML 2Page - STMicroelectronics MK50H27 Datasheet HTML 3Page - STMicroelectronics MK50H27 Datasheet HTML 4Page - STMicroelectronics MK50H27 Datasheet HTML 5Page - STMicroelectronics MK50H27 Datasheet HTML 6Page - STMicroelectronics MK50H27 Datasheet HTML 7Page - STMicroelectronics MK50H27 Datasheet HTML 8Page - STMicroelectronics MK50H27 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MK50H27
Signalling System 7
Link Controller
SECTION 1 - FEATURES
Complete Level 2 Implementation of SS7.
Compatible with 1988 CCITT, AT&T, ANSI,
and Bellcore Signalling System Number 7 link
level protocols.
Optional operation to comply with Japanese
TTC JT-Q703 specification requirements
Pin-for-pin and architecturally compatible with
MK50H25 (X.25/LAPD), MK50H29 (SDLC),
and MK50H28(Frame Relay).
System clock rates up to 33 MHz (MK50H27 -
33), or 25 MHz (MK50H27 - 25).
Data rate up to 4 Mbps continuous for SS7
protocol processing, 20 Mbps for transparent
HDLC mode, or up to 51 Mbps bursted
(gapped data clocks, non-continuous data).
On chip DMA control with programmable burst
length.
DMA transfer rate of up to 13.3 Mbytes/sec us-
ing optional 5 SYSCLK DMA cycle (150 nS) at
33 MHz SYSCLK.
Buffer Management includes:
- Initialization Block
- Separate Receive and Transmit Rings
- Variable Descriptor Ring and Window Sizes.
Selectable BEC or PCR retransmission meth-
ods, including forced retransmission for PCR.
Handles all 7 SS7 Timers, plus the additional
Signal Unit interval timers for Japanese SS7.
Handles all SS7 frame formatting:
- Zero bit insert and delete
- FCS generation and detection
- Frame delimiting with flags
Programmable minimum Signal Unit spacing
(number of flags between SU’s)
Handles all sequencing and link control.
Selectable FCS of 16 or 32 bits.
Testing Facilities:
- Internal Loopback
- Silent Loopback
- Optional Internal Data Clock Generation
- Self Test.
Programmable for full or half duplex operation
Programmable Watchdog Timers for RCLK
and TCLK (to detect absence of data clocks)
Available in 52 pin PLCC, 84 pin PLCC(for use
with external ROM), or 48 pin DIP packages.
SECTION 2 - INTRODUCTION
The SGS - Thomson SS7 Signalling Link Control-
ler (MK50H27) is a VLSI semiconductor device
which provides a complete level 2 data communi-
cation control conforming to the CCITT, ANSI,
BELLCORE, and AT&T versions of SS7, as well
as options to allow conformance to TTC JT-Q703
(Japanese SS7). This includes signal unit format-
ting, transparency (so-called ”bit-stuffing”), error
recovery by two types of
retransmission, error
monitoring, sequence number control, link status
control, and fill in signal unit generation.
One of the outstanding features of the MK50H27
is its buffer management which includes on-chip
DMA. This feature allows users to handle multi-
ple MSU’s of receive and transmit data at a time.
(A conventional data link control chip plus a sepa-
rate DMA chip would handle data for only a single
block at a time.) The MK50H27 will move multiple
blocks of receive and transmit data directly into
September 1997
DIP48
PLCC 52
1/56


Similar Part No. - MK50H27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25DIP STMICROELECTRONICS-MK50H25DIP Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25PLCC STMICROELECTRONICS-MK50H25PLCC Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H25Q STMICROELECTRONICS-MK50H25Q Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
MK50H28 STMICROELECTRONICS-MK50H28 Datasheet
429Kb / 64P
MULTI LOGICAL LINK FRAME RELAY CONTROLLER
Mar-2000
More results

Similar Description - MK50H27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK5027 STMICROELECTRONICS-MK5027 Datasheet
183Kb / 19P
SS7 SIGNALLING LINK CONTROLLER
Aug-1989
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-S10TR001Z AVAGO-AFBR-S10TR001Z Datasheet
240Kb / 6P
Versatile Link connector system
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
OSRAM GmbH
LCYW5SM OSRAM-LCYW5SM_18 Datasheet
1Mb / 23P
Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
Signalling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com