Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK50H27 Datasheet(PDF) 32 Page - STMicroelectronics

Part # MK50H27
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button MK50H27 Datasheet HTML 28Page - STMicroelectronics MK50H27 Datasheet HTML 29Page - STMicroelectronics MK50H27 Datasheet HTML 30Page - STMicroelectronics MK50H27 Datasheet HTML 31Page - STMicroelectronics MK50H27 Datasheet HTML 32Page - STMicroelectronics MK50H27 Datasheet HTML 33Page - STMicroelectronics MK50H27 Datasheet HTML 34Page - STMicroelectronics MK50H27 Datasheet HTML 35Page - STMicroelectronics MK50H27 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
4.2.5 Transmit Descriptor Ring Pointer (continued)
BIT
NAME
DESCRIPTION
15
0
Reserved, must be written as a zero.
14:12
TLEN
TRANSMIT RING LENGTH is the number of entries in the Transmit
Ring expressed as a power of two.
TLEN
Number of Entries
01
12
24
38
416
532
664
7
128
11:08
0
Reserved, must be written as a zero.
07:00/15:00
TDRA
TRANSMIT DESCRIPTOR RING ADDRESS is the base address
(lowest address) of the Transmit Descriptor Ring.
The
Transmit
Descriptor Ring Address must begin on a word boundary.
4.2.6 Status Buffer Address
BIT
NAME
DESCRIPTION
15:08
TWS
TRANSMIT WINDOW SIZE is used to determine the maximum number
of MSUs that can be transmitted without acknowledgement. For com-
pliance with Japanese TTC JT-Q703 this value should typically be 40.
For compliance with CCITT/ITU Q.703 this value should be 127.
For
compatibility with the original MK50H27, this field may be programmed
with all zeroes, causing the MK50H27 to use a default value of 127 as
did the MK50H27.
07:00/15:00
SBA
STATUS BUFFER ADDRESS points to the status
buffer into which link status information is placed upon the issuance of
the Status Request primitive by the HOST. The status buffer must be-
gin on a word boundary.
1
5
1
4
1
3
0
7
0
8
0
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
IADR + 44
IADR + 46
SBA<15:00>
SBA<23:16>
0
TWS <15:08>
MK50H27
32/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com