Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68901 Datasheet(PDF) 15 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 11Page - STMicroelectronics MK68901 Datasheet HTML 12Page - STMicroelectronics MK68901 Datasheet HTML 13Page - STMicroelectronics MK68901 Datasheet HTML 14Page - STMicroelectronics MK68901 Datasheet HTML 15Page - STMicroelectronics MK68901 Datasheet HTML 16Page - STMicroelectronics MK68901 Datasheet HTML 17Page - STMicroelectronics MK68901 Datasheet HTML 18Page - STMicroelectronics MK68901 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Figure 18 : Receiver Status Register (RSR).
BF :
Buffer Full. This bit is set when the inco-
ming word is transferred to the receive
buffer. The bit is cleared when the re-
ceive buffer is read by reading the UDR.
This bit of the RSR is read only.
OE :
Overrun Error. This flag is set if the inco-
ming word is completely received and
due to be tranferred to the receive buf-fer,
but the last word in the receive buf-fer has
not yet been read. When this condition
occurs, the word in the receive buffer is
not overwritten by the new word. Note
that the status flags always reflect the
status of the data word currently in the re-
ceive buffer. As such, the OE flag is not
actually set until the good word currently
in the buffer has been read. The interrupt
associated with this error will also not be
generated unti the old word in the receive
buffer has been read.
OE flag is cleared by reading the receiver
status register, and new data words can-
not be shifted to the receive buffer until
this is done.
PE :
Parity Error. This flag is set if the word re-
ceived has a parity error. The flag is set
when the received word is tranferred
from the shift register to the receive buf-
fer if the error condition exists. The flag is
cleared when the next word which does
not have a parity error is tranferred to the
receive buffer.
FE :
Frame Error. This flag only applies to the
asynchronous format. A frame error is
defined as a non-zero data word which is
not followed by a stop bit. Like the PE
flag, the FE flag is set or cleared when a
word is transferred to the receive buffer.
F/S :
Found/Search. This combination control
bit and flag bit is only used with the syn-
chronous format. It can be set or cleared
by writing to this bit of the RSR. When this
bit is cleared, the receiver is placed in the
search mode. In this mode, a bit by bit
comparison of the incoming data to the
character in the Sync Character Register
(SCR) is made. The word length counter
is disabled. When a match is found, this
bit will be set automatically, and the word
length counter will start as sync has not
been achieved. An interrupt will be gene-
rated on the receive error channel when
the match occurs. The word just shifted
in will, or necessity, be equal to the sync
character, and it will not be transferred to
the receive buffer.
B :
Break. This flag is used only when the a-
synchronous format is selected. This flag
will be set when an all zero data word, fol-
lowed by no stop bit, is received. The flag
will stay set until both a non-zero bit is re-
ceived and the RSR has been read at
least once since the flag was set. Break
indication will not occur if the receive buff-
er is full.
M/CIP :
Match/Character in Progress. If the syn-
chronous format is selected, this flag is
the Match flag. It will be set each time the
word transferred to the receive buffer
matches the sync character. It will be re-
set each time the word transferred to the
receive buffer does not match the sync
character. If the asynchronous format is
selected, this flag represents Character
in Progress. It will be set upon a start bit
detect and cleared at the end of the word.
SS :
Sync Strip Enable. If this bit is set to a
one, data words that match the sync
character will not be loaded into the re-
ceive buffer, and no buffer full signal will
be generated.
RE :
Receiver Enable. This control bit is used
to enable or disable the receiver. If a zero
is written to this bit of the RSR, the recei-
ver will turn off immediately. All flags in-
cluding the F/S bit will be cleared. If a one
is written to this bit, normal receiver ope-
ration is enabled. The receive clock has
to be running before the receiver is en-
abled.
V000364
MK68901
15/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com