Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK68901 Datasheet(PDF) 20 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 16Page - STMicroelectronics MK68901 Datasheet HTML 17Page - STMicroelectronics MK68901 Datasheet HTML 18Page - STMicroelectronics MK68901 Datasheet HTML 19Page - STMicroelectronics MK68901 Datasheet HTML 20Page - STMicroelectronics MK68901 Datasheet HTML 21Page - STMicroelectronics MK68901 Datasheet HTML 22Page - STMicroelectronics MK68901 Datasheet HTML 23Page - STMicroelectronics MK68901 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
D.C. CHARACTERISTICS
TA =0°Cto 70°C; VCC =+ 5V ± 5% Unless Otherwise Specified
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VIH
Input High Voltage
2.0
V CC +.3
V
VIL
Input Low Voltage
– 0.3
0.8
V
VOH
Output High Voltage (except DTACK)
I OH = – 120µA
2.4
V
VOL
Output Low Voltage (except DTACK)
I OL = 2.0mA
0.5
V
I LL
Power Supply Current
Outputs Open
180
mA
I LI
Input Leakage Current
VIN = 0 to VCC
± 10
µA
I LOH
Tri-state Output Leakage Current in Float
VOUT = 2.4 to VCC
10
µA
I LOL
Tri-state Output Leakage Current in Float
VOUT = 0.5V
– 10
µA
I OH
DTACK Output Source Current
VOUT = 2.4
– 400
µA
I OL
DTACK Output Sink Current
VOUT = 0.5
5.3
mA
A ll voltages are r efer enced to ground.
CAPACITANCE
TA =25°C, f = 1MHz unmeasured pins returned to ground.
Symbol
Parameter
Test Condition
Max.
Unit
CIN
Input Capacitance
Unmeasured pins returned to
ground
10
pF
COUT
Tri-state Output Capacitance
10
pF
MK68901 ELECTRICAL SPECIFICATIONS – PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
TA
Temperature under Bias
– 25 to + 100
°C
Tstg
Storage Temperature
– 65 to + 150
°C
VI
Voltage on Any Pin with Respect to Ground
– 0.3 to + 7
V
PD
Power Dissipation
1.5
W
S tr esses above those l ist ed under ” Absol ute Maximum Ratings” may cause permanent damage to the device. This is a stress
r ating only and functi onal operation of the devi ce at these or any other condition above those indicated in the operational sec-
ti ons of this specificati on is not implied. Exposure t o absolut e maximum rating conditions for extended peri ods may aff ect re-
l iability.
MK68901
20/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com