Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4725A2TE/CH Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP4725A2TE/CH
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 34Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 35Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 36Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 37Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 38Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 39Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 40Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 41Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 39
MCP4725
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP4725:
Single Channel 12-Bit DAC w/EEPROM
Memory
Address Options:
XX
A2
A1
A0
A0 *
=
0
0
External
A1
=
0
1
External
A2
=
1
0
External
A3
=
1
1
External
* Default option. Contact Microchip factory for other
address options
Tape and Reel:
T
= Tape and Reel
Temperature Range:
E
= -40°C to +125°C
Package:
CH = Plastic Small Outline Transistor (SOT-23-6),
6-lead
Examples:
a)
MCP4725A0T-E/CH: Tape and Reel,
Extended Temp.,
6LD SOT-23 pkg.
Address Option = A0
b)
MCP4725A1T-E/CH: Tape and Reel,
Extended Temp.,
6LD SOT-23 pkg.
Address Option = A1
c)
MCP4725A2T-E/CH: Tape and Reel,
Extended Temp.,
6LD SOT-23 pkg.
Address Option = A2
d)
MCP4725A3T-E/CH: Tape and Reel,
Extended Temp.,
6LD SOT-23 pkg.
Address Option = A3
PART NO.
X
XX
Address
Temperature
Range
Device
/XX
Package
Options
X
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com