Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4725A2TE/CH Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP4725A2TE/CH
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725A2TE/CH Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4725A2TE/CH Datasheet HTML 2Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 3Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 4Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 5Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 6Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 7Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 8Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 9Page - Microchip Technology MCP4725A2TE/CH Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MCP4725
DS22039C-page 6
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +5.0V, VSS = 0V, R
L = 5 kΩ to VSS, CL = 100 pF.
FIGURE 2-7:
INL vs. Code and
Temperature (VDD = 2.7V).
FIGURE 2-8:
Zero Scale Error vs.
Temperature (Code = 000d).
FIGURE 2-9:
Full-Scale Error vs.
Temperature (Code = 4095d).
FIGURE 2-10:
Output Error vs.
Temperature (Code = 4000d).
FIGURE 2-11:
IDD vs. Temperature.
-5
-4
-3
-2
-1
0
1
2
0
1024
2048
3072
4096
Code
TA = -40 C
TA = 25 C
TA = 85 C
TA = 125 C
+125 C
- 40 C
+85 C
+25 C
-1
0
1
2
3
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 5.5V
VDD = 2.7V
-60
-50
-40
-30
-20
-10
0
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 2.7V
VDD = 5.5V
-5
-4
-3
-2
-1
0
1
2
3
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
VDD = 2.7V
VDD = 5.5V
0
50
100
150
200
250
300
350
400
450
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature(°C)
VDD = 2.7V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com