Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW-DPLS32-EC Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # KW-DPLS32-EC
Description  SYNIOS® E4014
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-EC Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button KW-DPLS32-EC Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 9Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 10Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 11Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 12Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
KW DPLS32.EC
9 Version 1.5 | 2020-04-24
Group
Cx
Cy
CCT
7M
0.3799 0.3828 4000
0.3826 0.3931 4000
0.3916 0.3987 4000
0.3885 0.3882 4000
7N
0.3885 0.3882 4000
0.3916 0.3987 4000
0.4006 0.4044 4000
0.3970 0.3935 4000
8L
0.3736 0.3874 4000
0.3758 0.3973 4000
0.3853 0.4033 4000
0.3826 0.3931 4000
8M
0.3826 0.3931 4000
0.3853 0.4033 4000
0.3947 0.4093 4000
0.3916 0.3987 4000
8N
0.3916 0.3987 4000
0.3947 0.4093 4000
0.4042 0.4153 4000
0.4006 0.4044 4000
4J
0.3500 0.3375 4500
0.3512 0.3465 4500
0.3591 0.3522 4500
0.3574 0.3427 4500
4K
0.3574 0.3427 4500
0.3591 0.3522 4500
0.3670 0.3578 4500
0.3648 0.3479 4500
5J
0.3512 0.3465 4500
0.3524 0.3555 4500
0.3608 0.3616 4500
0.3591 0.3522 4500
Group
Cx
Cy
CCT
5K
0.3591 0.3522 4500
0.3608 0.3616 4500
0.3692 0.3677 4500
0.3670 0.3578 4500
6J
0.3524 0.3555 4500
0.3536 0.3646 4500
0.3625 0.3711 4500
0.3608 0.3616 4500
6K
0.3608 0.3616 4500
0.3625 0.3711 4500
0.3714 0.3775 4500
0.3692 0.3677 4500
7J
0.3536 0.3646 4500
0.3548 0.3736 4500
0.3642 0.3805 4500
0.3625 0.3711 4500
7K
0.3625 0.3711 4500
0.3642 0.3805 4500
0.3736 0.3874 4500
0.3714 0.3775 4500
8J
0.3548 0.3736 4500
0.3560 0.3826 4500
0.3659 0.3900 4500
0.3642 0.3805 4500
8K
0.3642 0.3805 4500
0.3659 0.3900 4500
0.3758 0.3973 4500
0.3736 0.3874 4500
4H
0.3363 0.3287 5000
0.3366 0.3369 5000
0.3441 0.3428 5000
0.3433 0.3341 5000
Group
Cx
Cy
CCT
4I
0.3433 0.3341 5000
0.3441 0.3428 5000
0.3515 0.3487 5000
0.3503 0.3396 5000
5H
0.3366 0.3369 5000
0.3369 0.3451 5000
0.3448 0.3515 5000
0.3441 0.3428 5000
5I
0.3441 0.3428 5000
0.3448 0.3515 5000
0.3527 0.3578 5000
0.3515 0.3487 5000
6H
0.3369 0.3451 5000
0.3373 0.3534 5000
0.3456 0.3601 5000
0.3448 0.3515 5000
6I
0.3448 0.3515 5000
0.3456 0.3601 5000
0.3539 0.3669 5000
0.3527 0.3578 5000
7H
0.3373 0.3534 5000
0.3376 0.3616 5000
0.3464 0.3688 5000
0.3456 0.3601 5000
7I
0.3456 0.3601 5000
0.3464 0.3688 5000
0.3551 0.3760 5000
0.3539 0.3669 5000
8H
0.3376 0.3616 5000
0.3379 0.3698 5000
0.3471 0.3775 5000
0.3464 0.3688 5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com