Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KW-DPLS32-EC Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-DPLS32-EC
Description  SYNIOS® E4014
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-EC Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-DPLS32-EC Datasheet HTML 1Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 2Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 3Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 4Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 5Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 6Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 7Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 8Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
KW DPLS32.EC
2 Version 1.5 | 2020-04-24
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 120 mA
Φ
V
KW DPLS32.EC-6H6J-4U8X-1
2700 K
31.5 ... 56.0 lm
Q65111A7739
KW DPLS32.EC-6H6J-4R8T-1
3000 K
31.5 ... 56.0 lm
Q65111A5893
KW DPLS32.EC-6H6J-4O8Q
3500 K
31.5 ... 56.0 lm
Q65111A6346
KW DPLS32.EC-6H6J-4L8N-1
4000 K
31.5 ... 56.0 lm
Q65111A5889
KW DPLS32.EC-6H6J-4J8K-1
4500 K
31.5 ... 56.0 lm
Q65111A5890
KW DPLS32.EC-6H6J-4H8I-1
5000 K
31.5 ... 56.0 lm
Q65111A8478
KW DPLS32.EC-6H6J-4F8G-1
5700 K
31.5 ... 56.0 lm
Q65111A5891
KW DPLS32.EC-6H6J-4C8E-1
6500 K
31.5 ... 56.0 lm
Q65111A5892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com