Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LCRDIE6/XXX Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7LCRDIE6/XXX
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6/XXX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7LCRDIE6/XXX Datasheet HTML 4Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 5Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 9Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 10Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 11Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ST7LCR
8/29
Legend/abbreviations
●
Type: I = input, O = output, S = supply
●
In/Output level: CT = CMOS 0.3VDD/0.7VDD with input trigger
●
Output level: HS = 10 mA high sink (on N-buffer only)
●
Port and control configuration:
–
Input: float = floating, wpu = weak pull-up, int = interrupt, ana = analog
–
Output: OD = open drain, PP = push-pull
11
OSCIN
CT
Input/Output oscillator pins. These pins
connect a 4 MHz parallel-resonant crystal, or
an external source to the on-chip oscillator.
12
OSCOUT
CT
13
GND
S
Must be held low in normal operating mode.
14
NC
Not used(1)
15
NC
Not used
16
DM
I/O
CT
USB Data Minus line
17
DP
I/O
CT
USB Data Plus line
18
USBVCC
O
CT
3.3 V Output for USB
19
VDDA
S
Power supply voltage 4-5.5 V
20
VDD
S
Power supply voltage 4-5.5 V
21
NC
Not used
22
NC
Not used
23
GNDA
S
Ground
24
GND
S
1.
Pins 8,9,10, and 14 must be connected to ground.
Table 2.
Pin description (continued)
Pin
number
Pin name
Level
Port/control
Main function
(after reset)
Alternate function
Input Output
VFQFPN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com