Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LCRDIE6/XXX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LCRDIE6/XXX
Description  Full-speed USB MCU with smartcard interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LCRDIE6/XXX Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LCRDIE6/XXX Datasheet HTML 1Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 2Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 3Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 4Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 5Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 6Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 7Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 8Page - STMicroelectronics ST7LCRDIE6/XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
October 2007
Rev 1
1/29
1
ST7LCRE4U1
ST7LCRDIE6
Full-speed USB MCU with smartcard interface
Features
■
Clock, reset and supply management
– Low voltage reset
– Halt power saving mode
– PLL for generating 48 MHz USB clock
using a 4 MHz crystal
■
USB (Universal Serial Bus) host interface
– USB 2.0 compliant
– CCID v1.0
– Full speed, hubless
– Bus-powered, low consumption
■
ISO7816-3 UART Interface
– 4 MHz clock generation
– Synchronous/asynchronous protocols
(T=0, T=1)
– Automatic retry on parity error
– Programmable baud rate from 372 to
11.625 clock pulses (D=32/F=372)
– Card insertion/removal detection
■
Smartcard power supply
– Fixed card VCC: 1.8 V, and 3 V
– Internal step-up converter for 5 V supplied
smartcards (with current of up to 55 mA)
using only two external components
– Programmable smartcard internal voltage
regulator (1.8 to 3.0V) with current overload
protection and 4 kV ESD protection (human
body model) for all smartcard Interface I/Os
■
Development tools
– Full hardware/software development
package.
– Fully compatible with Flash ST7FSCR
family for development purposes
■
ECOPACK® package
Description
ST7LCRE4U1 and ST7LCRDIE6 are an 8-bit
microcontrollers dedicated to smartcard reading
applications. They have been developed to be the
core of smartcard readers communicating
through USB link. Optimized for mass-market
applications, it offers a single integrated circuit
solution with very few external components.
VFQFPN24(Y1)
DIE
Table 1.
Device summary
Features
Part numbers
ST7LCRE4U1
ST7LCRDIE6
Program memory
16 Kbyte of ROM
User RAM + USB data buffer
512 + 256 bytes
Peripherals
USB full-speed (7 Ep), TBU, watchdog timer, ISO7816-3 interface
Operating Supply
4.0 to 5.5 V
Package
VFQFPN24
Die format (Refer to Die Specifications)
CPU Frequency
4 or 8 MHz
Operating temperature
0°C to +70 °C
www.st.com


Similar Part No. - ST7LCRDIE6/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7L05 STMICROELECTRONICS-ST7L05 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L09 STMICROELECTRONICS-ST7L09 Datasheet
1Mb / 104P
8-bit MCU for automotive with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Dec-2006
ST7L15 STMICROELECTRONICS-ST7L15 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7L19 STMICROELECTRONICS-ST7L19 Datasheet
2Mb / 138P
8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
15-Jan-2007
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
More results

Similar Description - ST7LCRDIE6/XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
Oct-2004
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
STMicroelectronics
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
Sep-2003
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
logo
STMicroelectronics
ST7GEME4 STMICROELECTRONICS-ST7GEME4 Datasheet
377Kb / 28P
Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
21-Sep-2007
logo
Holtek Semiconductor In...
HT82A520R HOLTEK-HT82A520R_11 Datasheet
531Kb / 72P
Full Speed USB 8-Bit OTP MCU with SPI
January 14, 2011
logo
Silicon Laboratories
C8051F38X SILABS-C8051F38X Datasheet
82Kb / 2P
Full Speed USB Flash MCU Family
C8051T620 SILABS-C8051T620 Datasheet
87Kb / 2P
Full Speed USB EPROM MCU Family
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
Full Speed USB Flash MCU Family
C8051T622 SILABS-C8051T622 Datasheet
75Kb / 3P
Full Speed USB EEPROM MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com