Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F5437AIPN Datasheet HTML 35Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 36Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 37Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 38Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 39Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 40Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 41Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 42Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
Low-Power Mode Supply Currents (Into VCC) Excluding External Current
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com ...................................................................................................................................................................................................... SLAS609 – JUNE 2008
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
fMCLK = 0 MHz,
VCC = 2.2 V,
75
Low-power
fSMCLK = fDCO = 1 MHz,
PMMCOREVx = 0
–40°C to
ILPM0,1MHz
mode 0 (LPM0)
fACLK = 32768 Hz,
µA
85°C
VCC = 3 V,
current(3)
CPUOFF = 1, SCG0 = 0, SCG1 = 0,
78
PMMCOREVx = 2
OSCOFF = 0
fMCLK = fSMCLK = 0 MHz,
VCC = 2.2 V,
TBD
Low-power
fDCO = 1 MHz,
PMMCOREVx = 0
–40°C to
ILPM2
mode 2 (LPM2)
fACLK = 32768 Hz,
µA
85°C
VCC = 3 V,
current(4)
CPUOFF = 1, SCG0 = 0, SCG1 = 1,
TBD
PMMCOREVx = 2
OSCOFF = 0, XTS = 0
–40°C
25°C
2.6
VCC = 3 V,
PMMCOREVx = 0
60°C
fDCO = fMCLK = fSMCLK = 0 MHz,
85°C
7.1
fACLK = 32768 Hz,
OSOCOFF = 0,
–40°C
Low-power
CPUOFF = 1,
25°C
2.8
mode 3 (LPM3)
SCG0 = 1, SCG1 = 1,
VCC = 3 V,
ILPM3,XT1LF
µA
current,
XTS = 0, XT1DRIVEx = 0,
PMMCOREVx = 1
60°C
XT1 LF mode(4)
SELAx = 0,
85°C
7.3
SVMH, SVSH off,
SVML, SVSL off,
–40°C
RAM retention enabled
25°C
2.9
VCC = 3 V,
PMMCOREVx = 2
60°C
85°C
7.6
–40°C
25°C
1.7
VCC = 3 V,
PMMCOREVx = 0
60°C
85°C
6.2
fDCO = fMCLK = fSMCLK = 0 MHz,
fACLK = VLO, OSOCOFF = 0,
–40°C
Low-power
CPUOFF = 1,
25°C
1.9
mode 3 (LPM3)
SCG0 = 1, SCG1 = 1,
VCC = 3 V,
ILPM3,VLO
µA
current,
SELAx = 1,
PMMCOREVx = 1
60°C
VLO mode(5)
SVMH, SVSH off,
85°C
6.4
SVML, SVSL off,
RAM retention enabled
–40°C
25°C
2.0
VCC = 3 V,
PMMCOREVx = 2
60°C
85°C
6.7
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal CC4V-T1A SMD crystal with a load capacitance of 9 pF. The internal and external
load capacitance are chosen to closely match the required 9 pF.
(3)
Current for brownout and WDT clocked by SMCLK included.
(4)
Current for brownout, WDT and RTC clocked by ACLK included.
(5)
Current for brownout, WDT and RTC clocked by ACLK included.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com