Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5437AIPN Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5437AIPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5437AIPN Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F5437AIPN Datasheet HTML 9Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 10Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 11Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 12Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 13Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 14Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 15Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 16Page - Texas Instruments MSP430F5437AIPN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Interrupt Vector Addresses
MSP430F543x, MSP430F541x
MSP430F543xA, MSP430F541xA
www.ti.com ...................................................................................................................................................................................................... SLAS609 – JUNE 2008
The interrupt vectors and the power-up start address are located in the address range 0FFFFh to 0FF80h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Interrupt Sources, Flags, and Vectors
SYSTEM
WORD
INTERRUPT SOURCE
INTERRUPT FLAG
PRIORITY
INTERRUPT
ADDRESS
System Reset
Power-Up
External Reset
WDTIFG, KEYV (SYSRSTIV)(1)(2)
Reset
0FFFEh
63, highest
Watchdog Timeout, Key Violation
Flash Memory Key Violation
System NMI
SVMLIFG, SVMHIFG, DLYLIFG, DLYHIFG,
PMM
VLRLIFG, VLRHIFG, VMAIFG, JMBNIFG,
(Non)maskable
0FFFCh
62
Vacant Memory Access
JMBOUTIFG (SYSSNIV)(1)
JTAG Mailbox
User NMI
NMI
NMIIFG, OFIFG, ACCVIFG (SYSUNIV)(1)(2)
(Non)maskable
0FFFAh
61
Oscillator Fault
Flash Memory Access Violation
Timer_B7
TBCCR0 CCIFG0 (3)
Maskable
0FFF8h
60
TBCCR1 CCIFG1 ... TBCCR6 CCIFG6,
Timer_B7
Maskable
0FFF6h
59
TBIFG (TBIV)(1)(3)
Watchdog Timer_A Interval Timer
WDTIFG
Maskable
0FFF4h
58
Mode
USCI_A0 Receive/Transmit
UCA0RXIFG, UCA0TXIFG (UCA0IV)(1)(3)
Maskable
0FFF2h
57
USCI_B0 Receive/Transmit
UCB0RXIFG, UCB0TXIFG (UCAB0IV)(1)(3)
Maskable
0FFF0h
56
ADC12_A
ADC12IFG0 ... ADC12IFG15 (ADC12IV)(1)(3)
Maskable
0FFEEh
55
Timer0_A5
TA0CCR0 CCIFG0(3)
Maskable
0FFECh
54
TA0CCR1 CCIFG1 ... TA0CCR4 CCIFG4,
Timer0_A5
Maskable
0FFEAh
53
TA0IFG (TA0IV)(1)(3)
USCI_A2 Receive/Transmit
UCA2RXIFG, UCA2TXIFG (UCA2IV)(1)(3)
Maskable
0FFE8h
52
USCI_B2 Receive/Transmit
UCB2RXIFG, UCB2TXIFG (UCB2IV)(1)(3)
Maskable
0FFE6h
51
DMA
DMA0IFG, DMA1IFG, DMA2IFG (DMAIV)(1)(3)
Maskable
0FFE4h
50
Timer1_A3
TA1CCR0 CCIFG0(3)
Maskable
0FFE2h
49
TA1CCR1 CCIFG1 ... TA1CCR2 CCIFG2,
Timer1_A3
Maskable
0FFE0h
48
TA1IFG (TA1IV)(1)(3)
I/O Port P1
P1IFG.0 to P1IFG.7 (P1IV)(1)(3)
Maskable
0FFDEh
47
USCI_A1 Receive/Transmit
UCA1RXIFG, UCA1TXIFG (UCA1IV)(1)(3)
Maskable
0FFDCh
46
USCI_B1 Receive/Transmit
UCB1RXIFG, UCB1TXIFG (UCB1IV)(1)(3)
Maskable
0FFDAh
45
USCI_A3 Receive/Transmit
UCA3RXIFG, UCA3TXIFG (UCA3IV)(1)(3)
Maskable
0FFD8h
44
USCI_B3 Receive/Transmit
UCB3RXIFG, UCB3TXIFG (UCB3IV)(1)(3)
Maskable
0FFD6h
43
I/O Port P2
P2IFG.0 to P2IFG.7 (P2IV)(1)(3)
Maskable
0FFD4h
42
RTCRDYIFG, RTCTEVIFG, RTCAIFG,
RTC_A
Maskable
0FFD2h
41
RT0PSIFG, RT1PSIFG (RTCIV)(1)(3)
0FFD2h
40
Reserved
Reserved(4)
⋮
⋮
0FF80h
0, lowest
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space.
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
(3)
Interrupt flags are located in the module.
(4)
Reserved interrupt vectors at addresses are not used in this device and can be used for regular program code if necessary. To maintain
compatibility with other devices, it is recommended to reserve these locations.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com