Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 5Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 6Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 7Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 8Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 9Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
A22E
9
Specifications
Certified Standard Ratings
• UL, cUL (File No. E41515)
6 A at 220 VAC, 10 A at 110 VAC
• TÜV (EN60947-5-1) (Low Voltage Directive)
3 A at 220 VAC
• CCC (GB14048.5)
3 A at 240 VAC, 1.5 A at 24 VDC
Certified Standards
Note: Only models with NC contacts have a direct opening mechanism.
*1. UL-certification for CSA C22.2 No. 14 has been obtained.
Certification has been obtained for individual Switch Blocks and
Lighting Units.
*2. Some models have been certified.
Ratings
Contacts (Standard Load)
Note: 1. Rated current values are determined according to the
testing conditions. The above ratings were obtained by
conducting tests under the following conditions.
(1) Ambient temperature: 20
°±2°C
(2) Ambient humidity: 65
±5%
(3) Operating frequency: 20 operations/minute
2. Minimum applicable load: 10 mA at 5 VDC
LED Lamp
Voltage-reduction lighting
Characteristics
*1. With no icing or condensation.
*2. The degree of protection from the front of the panel.
*3. The degree of protection is IP65 even with an integrated control box, but the system is not oil resistant.
Certification
body
Standards
File No.
UL
*1
UL508, C22.2 No.14
E41515
TÜV SÜD
EN60947-5-1
(Certified direct opening),
EN60947-5-5
Consult your OMRON
representative for details.
CQC (CCC)
GB14048.5
2003010303070635
KOSHA
*2
EN60947-5-1
Consult your OMRON
representative for details.
Rated carry
current (A)
Rated
voltage (V)
Rated current (A)
AC15
(Inductive
load)
AC12
(Resistive
load)
DC13
(Inductive
load)
DC12
(Resistive
load)
10
24 VAC
10
10
---
---
110 VAC
5
10
220 VAC
3
6
380 VAC
2
3
440 VAC
1
2
24 VDC
---
---
1.5
10
110 VDC
0.5
2
220 VDC
0.2
0.6
380 VDC
0.1
0.2
Rated voltage
Operating voltage
Current value
6 VAC/VDC
6 VAC/VDC ± 5%
Approx. 8 mA
12 VAC/VDC
12 VAC/VDC ± 5%
24 VAC/VDC
24 VAC/VDC ± 5%
Rated voltage Operating voltage Rated current
Applicable lamp
(BA9S/Base: 13)
110 VAC
100 VAC
(95 to 115 V)
Approx. 8 mA
LED lamp
A22-24A
@
220 VAC
200 VAC
(190 to 230 V)
Type
Turn-reset
Pull-reset
Item
Non-lighted model
Lighted model
Non-lighted model
Allowable operating
frequency
Mechanical
30
operations/minute (One operation consists of set and reset operations.)
Electrical
30
operations/minute (One operation consists of set and reset operations.)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
100 m
Ω max. (initial value)
Dielectric strength
Between terminals of same polarity
2,500 VAC, 50/60 Hz for 1 min.
Between each terminal and ground
2,500 VAC, 50/60 Hz for 1 min.
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude (contact separation within 1 ms)
Shock resistance
Destruction
1000 m/s2
Malfunction
250 m/s2 max. (contact separation within 1 ms)
Durability
Mechanical
300,000 operations min. (One operation consists of set and reset operations.)
Electrical
300,000 operations min. (One operation consists of set and reset operations.)
Ambient operating temperature
*1
-20 to +70°C
-20 to +55°C
-20 to +70°C
Ambient operating humidity
35 to 85% RH
Ambient storage temperature
-40 to +70°C
Degree of protection
IP65 (oil-resistant)
*2 *3
IP65
*2
IP65 (oil-resistant)
*2 *3
Electric shock protection class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (EN60947-5-1)
Minimum direct opening stroke
11 mm
Minimum direct opening force
45 N
Conditional short-circuit current
100 A (EN 60947-5-1)
Weight (for a 40-dia. head 1NC/1NO Operation Unit)
Approx. 65 g
Approx. 80 g
Approx. 100 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com