Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 31Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 32Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 33Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 34Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 35Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 36Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 37Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 38Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
A22E/A22NE-P
35
12
2R
M90
35
3
20.6
22.2 dia.
2.8
79 dia.
98 dia.
105 dia.
Detents
inside
(One on
each side)
95 +0.2
0
5.5 +0.2
0
90.3 +0.4
0
dia.
20
23
10
13
Panel
Panel
Spacers
Spacer
105 max.
1b Contact Unit
Position of
detent
notch
Position of
detent
notch
Panel
The number of spacers depends on the model
A22Z-EG2 : No Spacer
A22Z-EG21 : 1 Spacer
A22Z-EG22 : 2 Spacers
88 max.
Position of
detent
notch
Position of
detent
notch
Panel
Panel
2b One-Piece
Contact Unit
2b One-Piece
Contact Unit
72 max.
With 1 Spacer
With 2 Spacers
Screw Terminal Block Type
Mounting a 1-pole Switch Unit
*
Screw Terminal Block Type
Mounting a 2-pole Switch Unit
*
Push-in Plus Terminal Block Type
Mounting a 1-pole Switch Unit
*
Push-in Plus Terminal Block Type
Mounting a 2-pole Switch Unit
*
Panel Cutout Dimensions
* These are the dimension from the front of the panel when the Switch Unit is attached.
During spacer attachment
E-stop Shrouds
A22Z-EG2, A22Z-EG21, A22Z-EG22
Note: 1. The dimensions of the Shroud conform to the
specifications of the SEMATECH Application Guide
for SEMI S2-93.
2. The Shroud is not provided with the Switch.
3. Tighten to a torque of 1.96 to 2.94 N
⋅m.
4. The allowable panel thicknesses are as follows:
Without Spacers: t=1.3 to 22.5 mm
With 1 Spacer:
t=1.3 to 12.5 mm
With 2 Spacers: t=1.3 to 2.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com