Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-400-00-ZN-R Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # P-400-00-ZN-R
Description  Purgemeter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-400-00-ZN-R Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  P-400-00-ZN-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Corrosion-resistance type purgemeter for measuring
liquids and gases
P-400
Purgemeter
OUTLINE
The P-400 is a corrosion-resistance type purgemeter with all stainless
steel construction. Panel installation and flange connection are possible.
MAJOR APPLICATIONS
Corrosive services
STANDARD SPECIFICATIONS
Measuring fluid
Gases
Liquids
Measuring range
Min. 80 to 800 mL/min (nor)
Max. 6 to 60 L/min (nor)
Air at 0°C, 0 MPa (1atm)
Min. 5 to 50 mL/min
Max. 0.2 to 2 L/min
Water with a density of 1.0 g/cm3 and
viscosity of 1.0 mPa • s
• When selecting a flow range, refer to "Index &
Quick Reference for P Series Purgemeters"
(TG-S0001).
• When selecting a flow range, refer to the
standard flow rate table.
Range ability
10:1
Indication accuracy
±3% F.S.
Fluid pressure
Max. 1MPa (Max. 0.5MPa for PVC)
Fluid temperature
Max. 120°C (Depends on the gasket material)
(Max. 60°C for PVC)
Material
Wetted part SCS14/SUS304 (Standard), SCS14/SUS316, PVC
Tapered tube Heat-resistant glass
Gasket
Nitrile rubber (NBR) (Max. 80°C)
Chloroprene rubber (CR) (Max. 80°C)
Fluoro rubber (Max. 120°C)
PTFE (Max. 120°C) not applicable to PVC body
• The maximum fluid temperature for each gasket
material may vary depending on usage and
ambient conditions.
Mounting
plate
SUS304
Cover
Acryl, SUS304
Process Connection
Rc
: 1/4" (Standard), 1/8", 3/8", 1/2"
NPT
: 1/8", 1/4", 3/8", 1/2"
Flange : 10A, 15A (1/2), 20A (3/4), 25A (1)
Mounting
Lock nut mount on panel front (Standard)
Flange connection
With stand
Mass
approx. 0.9 kg
ALARM CONTACT AND OUTPUT
Type
Availability
Reed switch type alarm unit
General
×
UL-approved
×
PAU optical alarm unit
×
For CE approval, refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
STANDARD FLOW RATE TABLE
When the fluid pressure is other than 0 MPa, refer to "Index & Quick
Reference for P Series Purgemeters" (TG-S0001).
Air (0MPa,0℃ )
Pressure
loss(kPa) ☆1
Water
80 to 800 mL/min (nor) 0.5 or less
5
to 50 mL/min
0.1 to 1
L/min(nor)
0.5 or less
10 to 100 mL/min
0.2 to 2
L/min (nor) 0.5 or less
20 to 200 mL/min
0.3 to 3
L/min (nor) 0.5 or less
30 to 300 mL/min
0.5 to 5
L/min (nor) 0.5 or less
40
to 400 mL/min
1 to 10
L/min (nor)
1 or less
50
to 500 mL/min
2 to 20
L/min (nor)
3 or less
0.1 to 1
L/min
3 to 30
L/min (nor)
6 or less
0.12 to 1.2
L/min ☆2
5 to 50
L/min (nor)
15 or less
0.15 to 1.5
L/min
6 to 60
L/min (nor)
20 or less
0.2 to 2
L/min
Although other flow rate specifications are available, some flow ranges
need to be changed.
Contact us for details.
Low pressure loss type of production and I are available. Contact us for
details.
Pressure loss of liquid, please contact.
☆ 1 : It becomes the pressure loss during the valve fully open
☆ 2 : If body wetted parts materials made of PVC, can not be produced
more than 0.12 ∼ 1.2L/min.
TG-F2382-E00
Jun 2023
1st edition
K


Similar Part No. - P-400-00-ZN-R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P-4-0 3M-P-4-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
Pomona Electronics
P-4-0 POMONA-P-4-0 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Stacking Pin Tip Plug,
5/21/02
logo
3M Electronics
P-4-2 3M-P-4-2 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Each End
21-May-2002
logo
Pomona Electronics
P-4-2 POMONA-P-4-2 Datasheet
27Kb / 1P
Stacking Pin Tip Plug, Stacking Pin Tip Plug,
5/21/02
logo
Molex Electronics Ltd.
P-4175-032 MOLEX4-P-4175-032 Datasheet
136Kb / 2P
VibraKrimp??Quick Disconnect, Female, for 12-14 (3.30-2.00) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
More results

Similar Description - P-400-00-ZN-R

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
Platon Armoured Purgemeter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com